Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC6333S36RG Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPC6333S36RG
Description  Power Management in Note book
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPC6333S36RG Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPC6333S36RG Datasheet HTML 1Page - SYNC POWER Crop. SPC6333S36RG Datasheet HTML 2Page - SYNC POWER Crop. SPC6333S36RG Datasheet HTML 3Page - SYNC POWER Crop. SPC6333S36RG Datasheet HTML 4Page - SYNC POWER Crop. SPC6333S36RG Datasheet HTML 5Page - SYNC POWER Crop. SPC6333S36RG Datasheet HTML 6Page - SYNC POWER Crop. SPC6333S36RG Datasheet HTML 7Page - SYNC POWER Crop. SPC6333S36RG Datasheet HTML 8Page - SYNC POWER Crop. SPC6333S36RG Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2012/03/27
Ver0.1
Page 1
SPC6333
N & P Pair Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPC6333 is the N- and P-Channel enhancement
mode power field effect transistors are produced using
high cell density , DMOS trench technology. This high
density process is especially tailored to minimize on-state
resistance and provide superior switching performance.
These devices are particularly suited for low voltage
applications
such
as
notebook
computer
power
management and other battery powered circuits where
high-side switching , low in-line power loss, and
resistance to transients are needed.
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
FEATURES
PIN CONFIGURATION( SOT-363 / SC-70-6L)
N-Channel
20V/0.95A,RDS(ON)=380mΩ@VGS=4.5V
20V/0.75A,RDS(ON)=450mΩ@VGS=2.5V
20V/0.65A,RDS(ON)=800mΩ@VGS=1.8V
P-Channel
-20V/1.0A,RDS(ON)= 520mΩ@VGS=-4.5V
-20V/0.8A,RDS(ON)= 700mΩ@VGS=-2.5V
-20V/0.7A,RDS(ON)= 950mΩ@VGS=-1.8V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOT-363 (SC-70-6L) package design
PART MARKING


Similar Part No. - SPC6333S36RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPC6332 SYNC-POWER-SPC6332 Datasheet
264Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6332S36RG SYNC-POWER-SPC6332S36RG Datasheet
264Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6332S36RG SYNC-POWER-SPC6332S36RG Datasheet
227Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6332S36RGB SYNC-POWER-SPC6332S36RGB Datasheet
227Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6332 SYNC-POWER-SPC6332_11 Datasheet
227Kb / 11P
   N & P Pair Enhancement Mode MOSFET
More results

Similar Description - SPC6333S36RG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ME12P04 ETC2-ME12P04 Datasheet
1Mb / 5P
   Power Management in Note book
logo
DONGGUAN YOU FENG WEI E...
ME2328 YFWDIODE-ME2328 Datasheet
1,009Kb / 5P
   Power Management in Note book
logo
SYNC POWER Crop.
SPC1018 SYNC-POWER-SPC1018 Datasheet
506Kb / 11P
   Power Management in Note book
logo
STMicroelectronics
AN3147 STMICROELECTRONICS-AN3147 Datasheet
376Kb / 25P
   Power management in STM8L and STM8AL
logo
Shenzhen Guan Hua Wei Y...
WSP10N10 WIINSOK-WSP10N10 Datasheet
1Mb / 5P
   Power Management in DC/DC Converter.
logo
Texas Instruments
480227 TI-480227 Datasheet
5Mb / 794P
[Old version datasheet]   Pocket Data Book
logo
Delta Electronics, Inc.
D12S1R860D DELTA-D12S1R860D Datasheet
589Kb / 5P
   Application Note for Power Block
logo
Unisonic Technologies
IMZ2A UTC-IMZ2A_15 Datasheet
110Kb / 3P
   POWER MANAGEMENT
logo
Exar Corporation
XR76205EL-Q EXAR-XR76205EL-Q Datasheet
1Mb / 25P
   Power Management
logo
Tiger Electronic Co.,Lt...
EMC5 TGS-EMC5 Datasheet
106Kb / 3P
   Power management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com