Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLF2012A1R5XT Datasheet(PDF) 2 Page - TDK Electronics

Part # MLF2012A1R5XT
Description  SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012A1R5XT Datasheet(HTML) 2 Page - TDK Electronics

  MLF2012A1R5XT Datasheet HTML 1Page - TDK Electronics MLF2012A1R5XT Datasheet HTML 2Page - TDK Electronics MLF2012A1R5XT Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
MLF Series MLF2012 Type
For General Applications
SMD
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
∗1 47N means for 47nH (0.047µH).
∗2 X: Please specify inductance tolerance, M(±20%) or K(±10%)
Inductance
(µH)
Inductance
tolerance
Q
Test
frequency
L, Q (MHz)
Self-resonant
frequency (MHz)
DC resistance
(
Ω)
Rated
current
(mA) max.
Thickness
T
(mm)
Part No.
min.
nom.
min.
nom.
max.
nom.
0.047
±20%
15
25
50
320
400
0.2
0.11
300
0.85
MLF2012D47N∗1X∗2T
0.068
±20%
15
25
50
280
350
0.2
0.11
300
0.85
MLF2012D68NXT
0.082
±20%
15
25
50
255
320
0.2
0.11
300
0.85
MLF2012D82NXT
0.1
±20, ±10%
20
30
25
235
300
0.3
0.16
250
0.85
MLF2012DR10XT
0.12
±20, ±10%
20
30
25
220
280
0.3
0.16
250
0.85
MLF2012DR12XT
0.15
±20, ±10%
20
30
25
200
250
0.4
0.21
250
0.85
MLF2012DR15XT
0.18
±20, ±10%
20
30
25
185
230
0.4
0.21
250
0.85
MLF2012DR18XT
0.22
±20, ±10%
20
30
25
170
220
0.5
0.26
250
0.85
MLF2012DR22XT
0.27
±20, ±10%
20
30
25
150
200
0.5
0.26
250
0.85
MLF2012DR27XT
0.33
±20, ±10%
20
30
25
145
180
0.55
0.31
250
0.85
MLF2012DR33XT
0.39
±20, ±10%
25
35
25
135
170
0.65
0.36
200
0.85
MLF2012DR39XT
0.47
±20, ±10%
25
35
25
125
160
0.65
0.36
200
1.25
MLF2012DR47XT
0.56
±20, ±10%
25
35
25
115
150
0.75
0.41
150
1.25
MLF2012DR56XT
0.68
±20, ±10%
25
35
25
105
135
0.8
0.46
150
1.25
MLF2012DR68XT
0.82
±20, ±10%
25
35
25
100
125
1
0.56
150
1.25
MLF2012DR82XT
1
±20, ±10%
45
55
10
75
105
0.4
0.21
50
0.85
MLF2012A1R0XT
1.2
±20, ±10%
45
55
10
65
95
0.5
0.26
50
0.85
MLF2012A1R2XT
1.5
±20, ±10%
45
55
10
60
85
0.5
0.26
50
0.85
MLF2012A1R5XT
1.8
±20, ±10%
45
55
10
55
78
0.6
0.31
50
0.85
MLF2012A1R8XT
2.2
±20, ±10%
45
60
10
50
70
0.65
0.36
30
0.85
MLF2012A2R2XT
2.7
±20, ±10%
45
60
10
45
64
0.75
0.41
30
1.25
MLF2012A2R7XT
3.3
±20, ±10%
45
60
10
41
58
0.8
0.46
30
1.25
MLF2012A3R3XT
3.9
±20, ±10%
45
60
10
38
53
0.9
0.51
30
1.25
MLF2012A3R9XT
4.7
±20, ±10%
45
60
10
35
48
1
0.56
30
1.25
MLF2012A4R7XT
5.6
±20, ±10%
50
60
4
32
44
0.9
0.51
15
1.25
MLF2012E5R6XT
6.8
±20, ±10%
50
60
4
29
40
1
0.56
15
1.25
MLF2012E6R8XT
8.2
±20, ±10%
50
60
4
26
36
1.1
0.61
15
1.25
MLF2012E8R2XT
10
±20, ±10%
50
60
2
24
33
1.15
0.66
15
1.25
MLF2012E100XT
12
±20, ±10%
50
60
2
22
30
1.25
0.71
15
1.25
MLF2012E120XT
15
±20, ±10%
30
40
1
19
27
0.8
0.46
5
1.25
MLF2012C150XT
18
±20, ±10%
30
40
1
18
25
0.9
0.51
5
1.25
MLF2012C180XT
22
±20, ±10%
30
40
1
16
22
1.1
0.61
5
1.25
MLF2012C220XT
27
±20, ±10%
30
40
1
14
20
1.15
0.66
5
1.25
MLF2012C270XT
33
±20, ±10%
30
40
0.4
13
18
1.25
0.71
5
1.25
MLF2012C330XT
39
±20, ±10%
35
55
2
8
15
2.9
2
4
1.25
MLF2012K390XT
47
±20, ±10%
35
55
2
7.5
14
3
2.1
4
1.25
MLF2012K470XT
56
±20, ±10%
35
55
2
7
13
3.1
2.2
4
1.25
MLF2012K560XT
68
±20, ±10%
25
40
1
6.5
12
2.9
2
2
1.25
MLF2012C680XT
82
±20, ±10%
25
40
1
6
11
3
2.1
2
1.25
MLF2012C820XT
100
±20, ±10%
25
40
1
5.5
10
3.1
2.2
2
1.25
MLF2012C101XT
Weight(mg)
10
14
T
0.85
±0.2
1.25
±0.2
2+0.3, – 0.1
0.5
±0.3
2.6
1
Dimensions in mm


Similar Part No. - MLF2012A1R5XT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF2012A1R5JT000 TDK-MLF2012A1R5JT000 Datasheet
142Kb / 3P
   Inductors (Coils)
MLF2012A1R5JTD25 TDK-MLF2012A1R5JTD25 Datasheet
211Kb / 3P
   Inductors (Coils)
MLF2012A1R5KT TDK-MLF2012A1R5KT Datasheet
123Kb / 10P
   Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
MLF2012A1R5KT000 TDK-MLF2012A1R5KT000 Datasheet
142Kb / 3P
   Inductors (Coils)
MLF2012A1R5KTD25 TDK-MLF2012A1R5KTD25 Datasheet
211Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLF2012A1R5XT

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
WEJT285W-2B1F-2D3 WINNERJOIN-WEJT285W-2B1F-2D3 Datasheet
561Kb / 10P
   SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com