Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-77101BXX-I8T1U4 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-77101BXX-I8T1U4
Description  POWER SEQUENCER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-77101BXX-I8T1U4 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-77101BXX-I8T1U4 Datasheet HTML 4Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 9Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 10Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 11Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
POWER SEQUENCER
S-77100/77101 Series
Rev.1.0_01
8
Operation
1. Sequence operation
1. 1 S-77100A (Reverse type), S-77100B (Forward type)
The S-77100 Series has enable outputs of 4 channels (the ENBL_A pin, the ENBL_B pin, the ENBL_C pin and the
ENBL_D pin). The order of the off-sequence operation is different in reverse type and forward type.
1. 1. 1 Sequence operation outline
(1) On-sequence operation
After the ON pin changes from "L" to "H", the external capacitor (CDLY) charge operation is started, and the
discharge operation is performed when CDLY is fully charged. The period during which this is repeated n times
is the delay time (tDLY), and the ENBL_A pin changes to "H". Similarly, each time tDLY elapses, the ENBL_B pin,
the ENBL_C pin and the ENBL_D pin change to "H" in turn. The period from when the ON pin changes from
"L" to "H" to when the ENBL_D pin changes to "H" is called "on-sequence period".
(2) Off-sequence operation
After the ON pin changes from "H" to "L", CDLY charge operation is started, and the discharge operation is
performed when CDLY is fully charged. The period during which this is repeated n times is tDLY, and the
ENBL_D pin, the ENBL_C pin, the ENBL_B pin and the ENBL_A pin change to "L" in turn in S-77100A. The
ENBL_A pin, the ENBL_B pin, the ENBL_C pin and the ENBL_D pin change to "L" in turn in S-77100B. The
period from when the ON pin changes from "H" to "L" to when the ENBL_A pin in S-77100A or the ENBL_D pin
in S-77100B changes to "L" is called "off-sequence period".
Do not change the ON pin during on-sequence period and off-sequence period in order to perform the sequence
operation normally.
The number of times of CDLY charge and discharge which determines tDLY can be selected from 2 times / 4 times
/ 8 times / 16 times as the option.
CDLY charge operation and discharge operation to generate tDLY are performed by the constant current circuit.
Refer to " Relation between Delay Time and External Capacitor" for the relation of CDLY and tDLY.
In addition, the period from when the ENBL_A pin, the ENBL_B pin, the ENBL_C pin and the ENBL_D pin all
change to "H" to when the off-sequence operation starts is called "power-good period", and the period from
when the ENBL_A pin, the ENBL_B pin, the ENBL_C pin and the ENBL_D pin all change to "L" to when the
on-sequence operation starts is called "off period".
Refer to Figure 5 for the peripheral circuit connection example.
Timing charts are shown in Figure 6 and Figure 7 for S-77100A and S-77100B, respectively.
IN
EN
OUT
IN
EN
OUT
IN
EN
OUT
IN
EN
OUT
S-77100 Series
0.1
F
VDD
VSS
ON
CDLY
ENBL_A
ENBL_B
ENBL_C
ENBL_D
5 V AUX DC-DC
LDO
DC-DC
LDO
DC-DC
LDO
DC-DC
LDO
DC-DC
LDO
IN
OUT
3.3 V
SoC
I/O
LOGIC
MEMORY
CORE
2.5 V
1.8 V
1.5 V
1.1 V
Remark The ENBL_x pin is CMOS output.
Figure 5 Peripheral Circuit Connection Example (S-77100A: Reverse type, S-77100B: Forward type)
Caution 1. The input should be performed after the power supply voltage applied to the S-77100 Series
becomes stable condition.
2. The above connection diagram does not guarantee successful operation. Perform thorough
evaluation using the actual application to set the constant.


Similar Part No. - S-77101BXX-I8T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
More results

Similar Description - S-77101BXX-I8T1U4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Texas Instruments
LM3880 TI1-LM3880_16 Datasheet
1Mb / 29P
[Old version datasheet]   Simple Power Sequencer
logo
Dialog Semiconductor
SLG7NT4618 DIALOG-SLG7NT4618 Datasheet
1Mb / 10P
   APL Power Sequencer
logo
Altera Corporation
ES1030QI ALTERA-ES1030QI Datasheet
769Kb / 14P
   Power Rail Sequencer
logo
Renesas Technology Corp
SLG7NT4618V RENESAS-SLG7NT4618V Datasheet
1Mb / 10P
   APL Power Sequencer
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com