Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89430BCPH-H4CTFU Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-89430BCPH-H4CTFU
Description  MINI ANALOG SERIES
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89430BCPH-H4CTFU Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-89430BCPH-H4CTFU Datasheet HTML 1Page - Seiko Instruments Inc S-89430BCPH-H4CTFU Datasheet HTML 2Page - Seiko Instruments Inc S-89430BCPH-H4CTFU Datasheet HTML 3Page - Seiko Instruments Inc S-89430BCPH-H4CTFU Datasheet HTML 4Page - Seiko Instruments Inc S-89430BCPH-H4CTFU Datasheet HTML 5Page - Seiko Instruments Inc S-89430BCPH-H4CTFU Datasheet HTML 6Page - Seiko Instruments Inc S-89430BCPH-H4CTFU Datasheet HTML 7Page - Seiko Instruments Inc S-89430BCPH-H4CTFU Datasheet HTML 8Page - Seiko Instruments Inc S-89430BCPH-H4CTFU Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
MINI ANALOG SERIES 0.5
μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
Rev.2.1_01
S-89430/89431 Series
3
Product Name Structure
Users can select the product type for the S-89430/89431 Series. Refer to “1. Product name” regarding the contents
of product name, “2. Packages” regarding the package drawings and “3. Product name list” regarding the product
type.
1. Product name
(1) SC-88A
S-8943 x A C NC - xxx TF x
IC direction in tape specifications
*1
Environmental code
S:
Lead-free, halogen-free
G:
Lead-free (for details, please contact our sales office)
Product code (abbreviation)
*2
Package name (abbreviation)
NC:
SC-88A
Number of circuits
A:
1
Input offset voltage
0:
VIO = 10.0 mV Max.
1:
VIO = 5.0 mV Max.
*1.
Refer to the tape drawing.
*2.
Refer to “3. Product name list”.


Similar Part No. - S-89430BCPH-H4CTFU

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89430BCPH-H4CTFU SII-S-89430BCPH-H4CTFU Datasheet
1Mb / 33P
   MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - S-89430BCPH-H4CTFU

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19610AB0A-K8T2U SII-S-19610AB0A-K8T2U Datasheet
1Mb / 18P
   MINI ANALOG SERIES
S-89130BC-I8T1U SII-S-89130BC-I8T1U Datasheet
1Mb / 26P
   MINI ANALOG SERIES
S-89230BC-I8T1U SII-S-89230BC-I8T1U Datasheet
1Mb / 24P
   MINI ANALOG SERIES
S-89110ANC-1A1-TFZ SII-S-89110ANC-1A1-TFZ Datasheet
1Mb / 34P
   MINI ANALOG SERIES
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
logo
Extech Instruments Corp...
38073 EXTECH-38073 Datasheet
313Kb / 1P
   Mini Analog MultiMeter
38073 EXTECH-38073_15 Datasheet
223Kb / 1P
   Mini Analog MultiMeter
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com