Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-77101AXX-I8T1U4 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-77101AXX-I8T1U4
Description  POWER SEQUENCER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-77101AXX-I8T1U4 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-77101AXX-I8T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 9Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 10Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 11Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 12Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 13Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 14Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
POWER SEQUENCER
Rev.1.0_01
S-77100/77101 Series
11
1.5 V : LOGIC
1.8 V : I/O(2)
2.5 V : I/O(1)
ON
CDLY
ENBL_A
ENBL_B
ENBL_C
tDLY
tDLY
tDLY
tDLY
tDLY
tDLY
OFF
Off period
Off period
On-sequence period
Off-sequence period
Power-good period
n times*1
n times*1
*1.
Selectable as the option: 2 times / 4 times / 8 times / 16 times
Figure 9 Timing Chart (S-77101A: Reverse Type, with OFF
_______
pin)
1.5 V : LOGIC
1.8 V : I/O(2)
2.5 V : I/O(1)
ON
CDLY
ENBL_A
ENBL_B
ENBL_C
tDLY
tDLY
tDLY
tDLY
tDLY
tDLY
OFF
Off period
Off period
On-sequence period
Off-sequence period
Power-good period
n times*1
n times*1
*1.
Selectable as the option: 2 times / 4 times / 8 times / 16 times
Figure 10 Timing Chart (S-77101B: Forward Type, with OFF
_______
pin)


Similar Part No. - S-77101AXX-I8T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
More results

Similar Description - S-77101AXX-I8T1U4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Texas Instruments
LM3880 TI1-LM3880_16 Datasheet
1Mb / 29P
[Old version datasheet]   Simple Power Sequencer
logo
Dialog Semiconductor
SLG7NT4618 DIALOG-SLG7NT4618 Datasheet
1Mb / 10P
   APL Power Sequencer
logo
Altera Corporation
ES1030QI ALTERA-ES1030QI Datasheet
769Kb / 14P
   Power Rail Sequencer
logo
Renesas Technology Corp
SLG7NT4618V RENESAS-SLG7NT4618V Datasheet
1Mb / 10P
   APL Power Sequencer
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com