Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-77101AXX-I8T1U4 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-77101AXX-I8T1U4
Description  POWER SEQUENCER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-77101AXX-I8T1U4 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-77101AXX-I8T1U4 Datasheet HTML 1Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 2Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 3Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 4Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-77101AXX-I8T1U4 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
S-77100/77101 Series
www.sii-ic.com
POWER SEQUENCER
© SII Semiconductor Corporation, 2015
Rev.1.0_01
1
The S-77100/77101 Series is a power sequencer.
The S-77100 Series can output enable signals of 4 channels, and controls the external power supply circuit. The S-77100
Series turns on and off the enable signals successively by changing "H" and "L" of the ON pin.
The S-77101 Series can output enable signals of 3 channels, and controls the external power supply circuit. The S-77101
Series turns on the enable signals successively by changing the ON pin from "L" to "H", and turns off the enable signals
successively by changing OFF
_______
pin from "H" to "L".
The delay time for each enable signal can be set by the external capacitor.
Also, the small 8-Pin TSSOP or SNT-8A package makes high-density mounting possible.
Features
• Easy support for sequencing of multiple power supplies.
• Delay time can be set by the external capacitor.
• Sequence operations of 4 channels can be controlled by 1 input signal. (S-77100 Series)
• On-sequence operation and off-sequence operation can be controlled by the separate input signal. (S-77101 Series)
• Enable output can be increased by cascade connection.
• Low current consumption:
3.0
μA typ. (Off period, power-good period, VDD = 3.3 V, Ta = +25°C)
• Wide range of operation voltage:
2.2 V to 5.5 V
• Operation temperature range:
Ta =
−40°C to +85°C
• Output form is selectable:
CMOS output, Nch open-drain output
• Output logic is selectable:
Active "H", active "L"
• Lead-free (Sn 100%), halogen-free:
Applications
• Power sequencing for multiple devices
• Sequencing for microprocessor and microcontroller
• Power sequencing for FPGA
• Power sequencing for TV, camera, printer, etc.
Packages
• 8-Pin TSSOP
• SNT-8A


Similar Part No. - S-77101AXX-I8T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
More results

Similar Description - S-77101AXX-I8T1U4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Texas Instruments
LM3880 TI1-LM3880_16 Datasheet
1Mb / 29P
[Old version datasheet]   Simple Power Sequencer
logo
Dialog Semiconductor
SLG7NT4618 DIALOG-SLG7NT4618 Datasheet
1Mb / 10P
   APL Power Sequencer
logo
Altera Corporation
ES1030QI ALTERA-ES1030QI Datasheet
769Kb / 14P
   Power Rail Sequencer
logo
Renesas Technology Corp
SLG7NT4618V RENESAS-SLG7NT4618V Datasheet
1Mb / 10P
   APL Power Sequencer
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com