Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89240BC-I8T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-89240BC-I8T1U
Description  MINI ANALOG SERIES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89240BC-I8T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-89240BC-I8T1U Datasheet HTML 1Page - Seiko Instruments Inc S-89240BC-I8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-89240BC-I8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-89240BC-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-89240BC-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-89240BC-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-89240BC-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-89240BC-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-89240BC-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
S-89230/89240 Series
www.sii-ic.com
MINI ANALOG SERIES
CMOS COMPARATOR
© SII Semiconductor Corporation, 2009-2010
Rev.3.0_01
1
The mini-analog series is a group of ICs that incorporate a general purpose analog circuit in a small package.
The S-89230/89240 Series is a CMOS type comparator works on a lower voltage and lower current consumption. These
features make this product the ideal solution for small battery-powered portable equipment.
This product is a dual comparator (with 2 circuits).
Features
• Lower operating voltage than the conventional general-purpose:
VDD = 1.8 V to 5.5 V
• Low current consumption (per circuit):
IDD = 23
μA Typ. (S-89230 Series)
IDD = 5
μA Typ. (S-89240 Series)
• Low input offset voltage:
4.0 mV Max.
• Output full swing
• A dual comparator (with 2 circuits)
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Mobile phones
• Notebook PCs
• Digital cameras
• Digital video cameras
Packages
• SNT-8A
• TMSOP-8


Similar Part No. - S-89240BC-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89240BC-I8T1U SII-S-89240BC-I8T1U Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
More results

Similar Description - S-89240BC-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19610AB0A-K8T2U SII-S-19610AB0A-K8T2U Datasheet
1Mb / 18P
   MINI ANALOG SERIES
S-89130BC-I8T1U SII-S-89130BC-I8T1U Datasheet
1Mb / 26P
   MINI ANALOG SERIES
S-89110ANC-1A1-TFZ SII-S-89110ANC-1A1-TFZ Datasheet
1Mb / 34P
   MINI ANALOG SERIES
S-89430ACNC-HBUTFZ SII-S-89430ACNC-HBUTFZ Datasheet
1Mb / 33P
   MINI ANALOG SERIES
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
logo
Extech Instruments Corp...
38073 EXTECH-38073 Datasheet
313Kb / 1P
   Mini Analog MultiMeter
38073 EXTECH-38073_15 Datasheet
223Kb / 1P
   Mini Analog MultiMeter
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com