Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89140BC-K8T2U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-89140BC-K8T2U
Description  MINI ANALOG SERIES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89140BC-K8T2U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-89140BC-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 12Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 13Page - Seiko Instruments Inc S-89140BC-K8T2U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89130/89140 Series
Rev.1.0_01
10
Test Circuit (Per Circuit)
1. Power supply voltage rejection ratio, input offset voltage
RF
RS
RS
RF
+
VOUT
VDD
VCMR
= VDD / 2
• Power supply voltage rejection ratio (PSRR)
The power supply voltage rejection ratio (PSRR) can be
calculated by the following expression, with VOUT measured at
each VDD.
Test conditions:
VDD
= 2.7 V: VDD = VDD1, VOUT = VOUT1,
VDD
= 5.5 V: VDD = VDD2, VOUT = VOUT2
PSRR
= 20 log
VDD1
− VDD2


VOUT1
VDD1
2


VOUT2
VDD2
2
×
RF
+ RS
RS
• Input offset voltage (VIO)
VIO
= 

VOUT
VDD
2
×
RS
RF
+ RS
Figure 5
2. Common-mode input signal rejection ratio, common-mode input voltage range
RF
RS
RS
RF
+
VOUT
VDD
VIN
VDD / 2
• Common-mode input signal rejection ratio (CMRR)
The common-mode input signal rejection ratio (CMRR) can be
calculated by the following expression, with VOUT measured at
each VIN.
Test conditions:
VIN
= VCMR Max.: VIN = VIN1, VOUT = VOUT1,
VIN
= VCMR Min.: VIN = VIN2, VOUT = VOUT2
CMRR
= 20 log
VIN1
− VIN2
VOUT1
− VOUT2 ×
RF
+ RS
RS
• Common-mode input voltage range (VCMR)
The common mode input voltage range (VCMR) is the range of
VIN in which the common mode input signal rejection ratio
(CMRR) is satisfied when VIN is varied.
Figure 6


Similar Part No. - S-89140BC-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89140BC-K8T2U SII-S-89140BC-K8T2U Datasheet
1Mb / 26P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - S-89140BC-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19610AB0A-K8T2U SII-S-19610AB0A-K8T2U Datasheet
1Mb / 18P
   MINI ANALOG SERIES
S-89230BC-I8T1U SII-S-89230BC-I8T1U Datasheet
1Mb / 24P
   MINI ANALOG SERIES
S-89110ANC-1A1-TFZ SII-S-89110ANC-1A1-TFZ Datasheet
1Mb / 34P
   MINI ANALOG SERIES
S-89430ACNC-HBUTFZ SII-S-89430ACNC-HBUTFZ Datasheet
1Mb / 33P
   MINI ANALOG SERIES
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
logo
Extech Instruments Corp...
38073 EXTECH-38073 Datasheet
313Kb / 1P
   Mini Analog MultiMeter
38073 EXTECH-38073_15 Datasheet
223Kb / 1P
   Mini Analog MultiMeter
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com