Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W7880-9PG-519W Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # W7880-9PG-519W
Description  Available with 9 or 10 #22 contacts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W7880-9PG-519W Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  W7880-9PG-519W Datasheet HTML 1Page - List of Unclassifed Manufacturers W7880-9PG-519W Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPB 635
9-10 position Mini-Con-X® Sealed Connectors
VISIT WW W .SWITCHCRAFT.COM FOR MORE PRODUCTS AND DETAILED SP ECIFIC A TIONS
KEY FEATURES
RECOMMENDED PANEL CUTOUT
PART NUMBERS
0.610
15.49
0.582
14.78
RECOMMENDED
PANEL CUTOUT
• Availablewith9or10#22contacts
• CableEnd,PanelMount,CabletoCable,andother
optionsfromtheMini-Con-X®seriesavailable
• Ratedfor3Amps,150VAC
• Madefromf1rated,UVresistantthermoplastic
• SeeSwitchcraft.comforfullspecificationsandfullMini-
Con-Xseriespartnumberlist
• MadebySwitchcraft/ConxallintheUSA
CONFIGURATIONS
(Panel Mount Wire View)
7
6
5
4
3
2
1
8
9
9-Position
Pin or Socket Contacts
10-Position
Pin or Socket Contacts


Similar Part No. - W7880-9PG-519W

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W788 LUMINIS-W788 Datasheet
190Kb / 4P
   Bollard mount
More results

Similar Description - W7880-9PG-519W

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-344 GLENAIR-233-344 Datasheet
137Kb / 1P
   Size 22 Pin or Socket Contacts
logo
C&K Components
CCM01-2064 CK-COMPONENTS-CCM01-2064 Datasheet
110Kb / 2P
   Available with 8 contacts
2004
logo
EUROQUARTZ limited
CX4SMAT EUROQUARTZ-CX4SMAT Datasheet
121Kb / 1P
   Available with glass or cermic lid
logo
C&K Components
CCM02-1N0-3 CK-COMPONENTS-CCM02-1N0-3 Datasheet
117Kb / 2P
   Available with 8 through hole contacts.
2004
CCM01-1NF CK-COMPONENTS-CCM01-1NF Datasheet
77Kb / 2P
   Available with 8 through hole contacts.
2002
logo
Texas Instruments
TPS51363 TI-TPS51363 Datasheet
1Mb / 32P
[Old version datasheet]   22-V Input, 8-A or 10-A Converter With Integrated FET
logo
Schurter Inc.
PSENO27 SCHURTER-PSENO27 Datasheet
761Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
PSENO22 SCHURTER-PSENO22 Datasheet
1Mb / 7P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
PSENO24 SCHURTER-PSENO24 Datasheet
804Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
logo
Aries Electronics, Inc.
503 ARIES-503 Datasheet
658Kb / 1P
   Available with Solder Tail or Wire Wrap Pins
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com