Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA123JM Datasheet(PDF) 11 Page - Rohm

Part # DTA123JM
Description  PNP -100mA -50V Digital Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA123JM Datasheet(HTML) 11 Page - Rohm

Back Button DTA123JM Datasheet HTML 4Page - Rohm DTA123JM Datasheet HTML 5Page - Rohm DTA123JM Datasheet HTML 6Page - Rohm DTA123JM Datasheet HTML 7Page - Rohm DTA123JM Datasheet HTML 8Page - Rohm DTA123JM Datasheet HTML 9Page - Rohm DTA123JM Datasheet HTML 10Page - Rohm DTA123JM Datasheet HTML 11Page - Rohm DTA123JM Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image


Similar Part No. - DTA123JM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123JM ROHM-DTA123JM Datasheet
106Kb / 4P
   Digital transistors (built-in resistors)
DTA123JM ROHM-DTA123JM Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123JM ROHM-DTA123JM Datasheet
268Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
logo
Taiwan Semiconductor Co...
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
ON Semiconductor
DTA123JM3 ONSEMI-DTA123JM3 Datasheet
131Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 47 k
September, 2012 ??Rev. 1
More results

Similar Description - DTA123JM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144W ROHM-DTA144W Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistors
DTA143E ROHM-DTA143E Datasheet
4Mb / 12P
   PNP -100mA -50V Digital Transistors
DTA114E ROHM-DTA114E_11 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA123JCA ROHM-DTA123JCA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA114ECA ROHM-DTA114ECA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA143ECA ROHM-DTA143ECA_15 Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA114E ROHM-DTA114E_15 Datasheet
3Mb / 12P
   PNP -100mA -50V Digital Transistors
DTA143ZUAT106 ROHM-DTA143ZUAT106 Datasheet
554Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA144EKAT146 ROHM-DTA144EKAT146 Datasheet
571Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA143ZCA ROHM-DTA143ZCA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com