Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA023YEB Datasheet(PDF) 10 Page - Rohm

Part # DTA023YEB
Description  PNP -100mA -50V Digital Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA023YEB Datasheet(HTML) 10 Page - Rohm

Back Button DTA023YEB Datasheet HTML 2Page - Rohm DTA023YEB Datasheet HTML 3Page - Rohm DTA023YEB Datasheet HTML 4Page - Rohm DTA023YEB Datasheet HTML 5Page - Rohm DTA023YEB Datasheet HTML 6Page - Rohm DTA023YEB Datasheet HTML 7Page - Rohm DTA023YEB Datasheet HTML 8Page - Rohm DTA023YEB Datasheet HTML 9Page - Rohm DTA023YEB Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Datasheet
Part Number
DTA023YEB
Package
EMT3F
Unit Quantity
3000
Minimum Package Quantity
3000
Packing Type
Taping
Constitution Materials List
inquiry
RoHS
Yes
DTA023YEB - Web Page
Distribution Inventory
Buy


Similar Part No. - DTA023YEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA023E ROHM-DTA023E Datasheet
1Mb / 10P
   Digital Transistor
DTA023EEB ROHM-DTA023EEB Datasheet
1Mb / 10P
   Digital Transistor
DTA023EM ROHM-DTA023EM Datasheet
1Mb / 10P
   Digital Transistor
DTA023EUB ROHM-DTA023EUB Datasheet
1Mb / 10P
   Digital Transistor
DTA023J ROHM-DTA023J Datasheet
1Mb / 10P
   Digital Transistor
More results

Similar Description - DTA023YEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123E ROHM-DTA123E_15 Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
DTA124T ROHM-DTA124T Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
DTA143Z ROHM-DTA143Z Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
DTA123YCA ROHM-DTA123YCA Datasheet
1,013Kb / 8P
   PNP -100mA -50V Digital Transistor
DTA043E ROHM-DTA043E Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA124X ROHM-DTA124X Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistor
DTA024E ROHM-DTA024E Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA043Z ROHM-DTA043Z Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA143T ROHM-DTA143T Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
DTA143TCA ROHM-DTA143TCA Datasheet
1Mb / 7P
   PNP -100mA -50V Digital Transistor
DTA123ECA ROHM-DTA123ECA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com