Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89341 Datasheet(PDF) 9 Page - Aplus Intergrated Circuits

Part # P89341
Description  VOICE OTP IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89341 Datasheet(HTML) 9 Page - Aplus Intergrated Circuits

Back Button P89341 Datasheet HTML 5Page - Aplus Intergrated Circuits P89341 Datasheet HTML 6Page - Aplus Intergrated Circuits P89341 Datasheet HTML 7Page - Aplus Intergrated Circuits P89341 Datasheet HTML 8Page - Aplus Intergrated Circuits P89341 Datasheet HTML 9Page - Aplus Intergrated Circuits P89341 Datasheet HTML 10Page - Aplus Intergrated Circuits P89341 Datasheet HTML 11Page - Aplus Intergrated Circuits P89341 Datasheet HTML 12Page - Aplus Intergrated Circuits P89341 Datasheet HTML 13Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Integrated Circuits Inc.
aP89341/170/085
Ver 5.0
8
Aug 23, 2010
Key Trigger Mode (M1=0, M0=0)
With this trigger mode, the beginning 32 Voice Groups are triggered by setting S1 to S8 to HIHG or
LOW in different combinations. Each Voice Group can have its only independent trigger options (See
Fig. 4, 5, 7 and 8 for trigger options definition).
A maximum of 254 Voice Groups are available.
The 33rd to 254th Voice Groups can only be
triggered one by one sequentially with the SBT key (See Fig. 6 and 9).
The setting of S1 to S8 for triggering the 1st to the 32nd Voice Groups are as follow:
Voice
Group
S1
S2
S3
S4
S5
S6
S7
S8
1
HIGH
NC
NC
NC
NC
NC
NC
NC
2
NC
HIGH
NC
NC
NC
NC
NC
NC
3
NC
NC
HIGH
NC
NC
NC
NC
NC
4
NC
NC
NC
HIGH
NC
NC
NC
NC
5
NC
NC
NC
NC
HIGH
NC
NC
NC
6
NC
NC
NC
NC
NC
HIGH
NC
NC
7
NC
NC
NC
NC
NC
NC
HIGH
NC
8
NC
NC
NC
NC
NC
NC
NC
HIGH
9
HIGH
HIGH
NC
NC
NC
NC
NC
NC
10
NC
HIGH
HIGH
NC
NC
NC
NC
NC
11
NC
NC
HIGH
HIGH
NC
NC
NC
NC
12
NC
NC
NC
HIGH
HIGH
NC
NC
NC
13
NC
NC
NC
NC
HIGH
HIGH
NC
NC
14
NC
NC
NC
NC
NC
HIGH
HIGH
NC
15
NC
NC
NC
NC
NC
NC
HIGH
HIGH
16
HIGH
NC
NC
NC
NC
NC
NC
HIGH
17
HIGH
HIGH
HIGH
NC
NC
NC
NC
NC
18
NC
HIGH
HIGH
HIGH
NC
NC
NC
NC
19
NC
NC
HIGH
HIGH
HIGH
NC
NC
NC
20
NC
NC
NC
HIGH
HIGH
HIGH
NC
NC
21
NC
NC
NC
NC
HIGH
HIGH
HIGH
NC
22
NC
NC
NC
NC
NC
HIGH
HIGH
HIGH
23
HIGH
NC
NC
NC
NC
NC
HIGH
HIGH
24
HIGH
HIGH
NC
NC
NC
NC
NC
HIGH
25
HIGH
HIGH
HIGH
HIGH
NC
NC
NC
NC
26
NC
HIGH
HIGH
HIGH
HIGH
NC
NC
NC
27
NC
NC
HIGH
HIGH
HIGH
HIGH
NC
NC
28
NC
NC
NC
HIGH
HIGH
HIGH
HIGH
NC
29
NC
NC
NC
NC
HIGH
HIGH
HIGH
HIGH
30
HIGH
NC
NC
NC
NC
HIGH
HIGH
HIGH
31
HIGH
HIGH
NC
NC
NC
NC
HIGH
HIGH
32
HIGH
HIGH
HIGH
NC
NC
NC
NC
HIGH
Note: NC represents open or no connection


Similar Part No. - P89341

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
P89 DIODES-P89 Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
logo
Aplus Intergrated Circu...
P89010 APLUS-P89010 Datasheet
236Kb / 18P
   VOICE OTP IC
P89021 APLUS-P89021 Datasheet
236Kb / 18P
   VOICE OTP IC
P89042 APLUS-P89042 Datasheet
245Kb / 19P
   VOICE OTP IC
logo
Diodes Incorporated
P8908 DIODES-P8908 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
More results

Similar Description - P89341

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
P89021 APLUS-P89021 Datasheet
236Kb / 18P
   VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
   VOICE OTP IC
P89170 APLUS-P89170 Datasheet
359Kb / 24P
   VOICE OTP IC
P89042 APLUS-P89042 Datasheet
245Kb / 19P
   VOICE OTP IC
P89682K APLUS-P89682K Datasheet
1Mb / 44P
   VOICE OTP IC
P89010 APLUS-P89010 Datasheet
236Kb / 18P
   VOICE OTP IC
logo
OKI electronic componet...
MSM6378A OKI-MSM6378A Datasheet
329Kb / 12P
   OTP ROM Built-in Voice Synthesis IC
logo
Aplus Intergrated Circu...
API8208G APLUS-API8208G Datasheet
42Kb / 2P
   OTP VOICE SERIES
logo
OKI electronic componet...
MSM6652 OKI-MSM6652 Datasheet
452Kb / 45P
   Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
logo
Aplus Intergrated Circu...
AP8821 APLUS-AP8821 Datasheet
112Kb / 13P
   21 sec VOICE OTP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com