Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89010 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # P89010
Description  VOICE OTP IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89010 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  P89010 Datasheet HTML 1Page - Aplus Intergrated Circuits P89010 Datasheet HTML 2Page - Aplus Intergrated Circuits P89010 Datasheet HTML 3Page - Aplus Intergrated Circuits P89010 Datasheet HTML 4Page - Aplus Intergrated Circuits P89010 Datasheet HTML 5Page - Aplus Intergrated Circuits P89010 Datasheet HTML 6Page - Aplus Intergrated Circuits P89010 Datasheet HTML 7Page - Aplus Intergrated Circuits P89010 Datasheet HTML 8Page - Aplus Intergrated Circuits P89010 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Integrated Circuits Inc.
aP89021/010
Ver 4.0
Aug 23, 2010
3
PIN CONFIGURATIONS
PIN NAMES
PIN
Playback
Mode
OTP Program
Mode
Description
1
OUT1
OEB
Programmable output (I/O pin)
2
VOUT1
-
PWM output to drive speaker directly
3
VOUT2
-
PWM output to drive speaker directly
4
VSS
VSS
Power Ground
5
OUT2
IO
Programmable output (I/O pin)
6
OUT3
-
Programmable output (I/O pin)
7
COUT
-
D/A current output
8
OSC
ACLK
Oscillator input
9
VPP
VPP
Supply voltage for OTP programming
10
S1
S1
Trigger pin (input with internal pull-down)
11
S2
S2
Trigger pin (input with internal pull-down)
12
VDD
VDD
Positive Power Supply
13
S3
S3
Trigger (input with internal pull-down)
14
S4
S4
Trigger (input with internal pull-down)
15
SBT
PGM
Trigger pin (input with internal pull-down)
16
RST
DCLK
Reset pin (input with internal pull-down)
OUT1
VOUT1
VOUT2
VSS
OUT2
OUT3
COUT
OSC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VPP
VDD
S1
S2
S3
S4
SBT
RST
300 mil DIP
150 mil SOP


Similar Part No. - P89010

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
P89021 APLUS-P89021 Datasheet
236Kb / 18P
   VOICE OTP IC
P89042 APLUS-P89042 Datasheet
245Kb / 19P
   VOICE OTP IC
logo
Diodes Incorporated
P8908 DIODES-P8908 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
Aplus Intergrated Circu...
P89085 APLUS-P89085 Datasheet
359Kb / 24P
   VOICE OTP IC
More results

Similar Description - P89010

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
P89021 APLUS-P89021 Datasheet
236Kb / 18P
   VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
   VOICE OTP IC
P89170 APLUS-P89170 Datasheet
359Kb / 24P
   VOICE OTP IC
P89042 APLUS-P89042 Datasheet
245Kb / 19P
   VOICE OTP IC
P89341 APLUS-P89341 Datasheet
359Kb / 24P
   VOICE OTP IC
P89682K APLUS-P89682K Datasheet
1Mb / 44P
   VOICE OTP IC
logo
OKI electronic componet...
MSM6378A OKI-MSM6378A Datasheet
329Kb / 12P
   OTP ROM Built-in Voice Synthesis IC
logo
Aplus Intergrated Circu...
API8208G APLUS-API8208G Datasheet
42Kb / 2P
   OTP VOICE SERIES
logo
OKI electronic componet...
MSM6652 OKI-MSM6652 Datasheet
452Kb / 45P
   Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
logo
Aplus Intergrated Circu...
AP8821 APLUS-AP8821 Datasheet
112Kb / 13P
   21 sec VOICE OTP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com