Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IVR3K21 Datasheet(PDF) 7 Page - Aplus Intergrated Circuits

Part # IVR3K21
Description  Data Sheet
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

IVR3K21 Datasheet(HTML) 7 Page - Aplus Intergrated Circuits

Back Button IVR3K21 Datasheet HTML 3Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 4Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 5Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 6Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 7Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 8Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 9Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 10Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 11Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Integrated Circuits Inc.
aIVR3K Series
Mar 27, 2012
8
TYPICAL APPLICATIONS
Key single mode with speaker direct drive (PWM)
C1 must be connected directly on the VDD and VSS pins of the chip
Key single mode with COUT speaker drive (DAC)
C1 must be connected directly on the VDD and VSS pins of the chip
Rb is base resistor from 120 Ohm to 390 Ohm depends on value of VDD and transistor
gain.
Tr is an NPN transistor with beta larger than 150, e.g. 8050D.


Similar Part No. - IVR3K21

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
   Data Sheet
More results

Similar Description - IVR3K21

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
   Data Sheet
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MC9S12NE64V1 FREESCALE-MC9S12NE64V1 Datasheet
3Mb / 554P
   MC9S12NE64V1 Data Sheet
logo
Murata Manufacturing Co...
GRM188F51E474ZA01D MURATA-GRM188F51E474ZA01D Datasheet
43Kb / 1P
   Capacitor data sheet
GRM1885C1E122JA01D MURATA-GRM1885C1E122JA01D Datasheet
43Kb / 1P
   Capacitor data sheet
logo
Microchip Technology
DSPIC30F6010-20I MICROCHIP-DSPIC30F6010-20I Datasheet
2Mb / 222P
   dsPIC30F6010 Data Sheet
10/19/06
logo
Freescale Semiconductor...
MC9S12E128CFUE FREESCALE-MC9S12E128CFUE Datasheet
3Mb / 606P
   MC9S12E128 Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com