Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4890B Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # AP4890B
Description  1W AUDIO POWER AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP4890B Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  AP4890B Datasheet HTML 1Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 2Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 3Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 4Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 5Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 6Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 7Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 8Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
INTEGRATED CIRCUITS INC.---
AP4890B
http://www.aplusinc.com.tw
Page
/ 15
Tel : 886-2-2782-9266
Ver1.2
2
3. PIN CONFIGURATION (Top View) :
]
4. PIN DESCRIPTION :
PIN
PIN
I/O
DESCRIPTION
SHUT
DOWN-B
1
I
The device enters in shutdown mode when a low level
is applied on this pin
BYPASS
2
I
Bypass capacitor pin which provides the
common mode voltage
+IN
3
I
Positive input of the first amplifier, receives the
common mode voltage
-IN
4
I
Negative input of the first amplifier, receives the audio
input signal. Connected to the feedback resistor Rf
and to the input resistor Rin.
VO1
5
O
Negative output of the AP4890B. Connected to the load
and to the feedback resistor Rf
VDD
6
I
Analog VDD input supply.
GND
7
Ground connection for circuitry.
VO2
8
O
Positive output of the AP4890B.


Similar Part No. - AP4890B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4800AGM A-POWER-AP4800AGM Datasheet
61Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP4800AGM A-POWER-AP4800AGM Datasheet
178Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4800AGM-HF A-POWER-AP4800AGM-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Low On-resistance
AP4800AGM-HF A-POWER-AP4800AGM-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP4800AGM A-POWER-AP4800AGM_07 Datasheet
178Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP4890B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7116 PANASONIC-AN7116 Datasheet
87Kb / 3P
   1W AUDIO POWER AMPLIFIER CIRCUIT
logo
Princeton Technology Co...
PT2307 PTC-PT2307 Datasheet
208Kb / 4P
   1W Audio Power Integration Amplifier
logo
Shenzhen Naxinwei Techn...
NS4890 NSIWAY-NS4890 Datasheet
193Kb / 2P
   1W mono audio power amplifier
logo
Silan Microelectronics ...
SA7411 SILAN-SA7411 Datasheet
90Kb / 4P
   1CH AUDIO POWER AMPLIFIER(1W)
logo
Princeton Technology Co...
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
   1W Class-AB Audio Power Amplifier
logo
Silan Microelectronics ...
SA7412 SILAN-SA7412 Datasheet
138Kb / 6P
   2CH AUDIO POWER AMPLIFIER(1W X2)
logo
Princeton Technology Co...
PT2367 PTC-PT2367 Datasheet
149Kb / 4P
   1W Class AB Audio Power Amplifier
logo
NTE Electronics
NTE1075A NTE-NTE1075A Datasheet
76Kb / 1P
   Integrated Circuit Audio Power Amplifier, 1W
logo
Princeton Technology Co...
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
PT2366 PTC-PT2366 Datasheet
212Kb / 5P
   1W Class-AB Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com