Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL28PCIE14 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SL28PCIE14
Description  PCI-Express Gen 2 & Gen 3 Compliant
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIE14 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SL28PCIE14 Datasheet HTML 4Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 5Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 6Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 7Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 8Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 9Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 10Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 11Page - Silicon Laboratories SL28PCIE14 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SL28PCIe14
DOC#: SP-AP-0014 (Rev. 0.2)
Page 8 of 13
AC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
Crystal
LACC
Long-term Accuracy
Measured at VDD/2 differential
250
ppm
Clock Input
TDC
CLKIN Duty Cycle
Measured at VDD/2
47
53
%
TR/TF
CLKIN Rise and Fall Times
Measured between 0.2VDD and 0.8VDD
0.5
4.0
V/ns
TCCJ
CLKIN Cycle to Cycle Jitter (Sythesizer) Measured at VDD/2
250
ps
TLTJ
CLKIN Long Term Jitter
Measured at VDD/2
350
ps
VIH
Input High Voltage
XIN / CLKIN pin
2
VDD+0.3
V
VIL
Input Low Voltage
XIN / CLKIN pin
0.8
V
IIH
Input HighCurrent
XIN / CLKIN pin, VIN = VDD
35
uA
IIL
Input LowCurrent
XIN / CLKIN pin, 0 < VIN <0.8
–35
uA
SRC at 0.7V
TDC
Duty Cycle
Measured at 0V differential
45
55
%
RMSGEN1
Output PCIe* Gen1 REFCLK phase
jitter
BER = 1E-12 (including PLL BW 8 - 16
MHz, ζ = 0.54, Td=10 ns,
Ftrk=1.5 MHz)
0108
ps
RMSGEN2
Output PCIe* Gen2 REFCLK phase
jitter
Includes PLL BW 8 - 16 MHz, Jitter
Peaking = 3dB, ζ = 0.54, Td=10 ns),
Low Band, F < 1.5MHz
03.0
ps
RMSGEN2
Output PCIe* Gen2 REFCLK phase
jitter
Includes PLL BW 8 - 16 MHz, Jitter
Peaking = 3dB, ζ = 0.54, Td=10 ns),
Low Band, F < 1.5MHz
03.1
ps
RMSGEN3
Output phase jitter impact – PCIe*
Gen3
Includes PLL BW 2 - 4 MHz,
CDR = 10MHz)
01.0
ps
TCCJ
Cycle to Cycle Jitter
Measured at 0V differential
85
ps
TCCJ
Additive Cycle to Cycle Jitter
In buffer mode.
Measured at 0V differential
–50
ps
LACC
Long-term Accuracy
Measured at 0V differential
100
ppm
TR / TF
Rising/Falling Slew rate
Measured differentially from ±150 mV
2.5
8
V/ns
VOX
Crossing Point Voltage at 0.7V Swing
300
550
mV
ENABLE/DISABLE and SET-UP
TSTABLE
Clock Stabilization from Power-up
1.8
ms
TSS
Stopclock Set-up Time
10.0
ns


Similar Part No. - SL28PCIE14

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28PCIE10 SILABS-SL28PCIE10 Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALC SILABS-SL28PCIe10ALC Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALCT SILABS-SL28PCIe10ALCT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALI SILABS-SL28PCIe10ALI Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALIT SILABS-SL28PCIe10ALIT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
More results

Similar Description - SL28PCIE14

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28PCIE50 SILABS-SL28PCIE50 Datasheet
399Kb / 17P
   PCI-Express Gen 2 Compliant
SL28PCIE26 SILABS-SL28PCIE26 Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
logo
Silicon Laboratories
SI53152 SILABS-SI53152 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
SI53156 SILABS-SI53156 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53156-A13A SKYWORKS-SI53156-A13A Datasheet
988Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.0
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
SI53156 SKYWORKS-SI53156 Datasheet
1,014Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com