Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8285 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI8285
Description  System Safety Features
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8285 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI8285 Datasheet HTML 5Page - Silicon Laboratories SI8285 Datasheet HTML 6Page - Silicon Laboratories SI8285 Datasheet HTML 7Page - Silicon Laboratories SI8285 Datasheet HTML 8Page - Silicon Laboratories SI8285 Datasheet HTML 9Page - Silicon Laboratories SI8285 Datasheet HTML 10Page - Silicon Laboratories SI8285 Datasheet HTML 11Page - Silicon Laboratories SI8285 Datasheet HTML 12Page - Silicon Laboratories SI8285 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
15V
9V
MCU
Si8286
GNDA
4
VO
11
VSSB
9
IN-
2
IN+
1
DSAT
14
VDDA
3
VDDB
13
VMID
16
/FLT
6
NC
7
VDDB
12
/RST
5
NC
8
NC
15
VSSB
10
+3.3V
0.1uF
Q1
Q2
+ RAIL
- RAIL
DDSAT
RDSAT
RH
10uF
0.1uF
CBL
0.1uF
Place RDSAT, DDSAT, CBL as
close to Q1 as possible
RL
Figure 3.3. Recommended Si8286 Application Circuit with RH and RL
The Si828x has both inverting and non-inverting gate control inputs (IN– and IN+). In normal operation, one of the inputs is not used,
and should be connected to GNDA (IN–) or VDDA (IN+) respectively for proper logic termination. The Si828x has an active low reset
input (RSTb), an active high ready (RDY) push pull output, and an open drain fault (FLTb) output that requires a weak 10 kΩ pull-up
resistor. The FLTb outputs from multiple Si828x devices can be connected in an OR wiring configuration to provide one single FLTb
signal to the MCU. The Si828x gate driver will shut down when a fault is detected. It then provides FLTb indication to the MCU, and
remains in the shutdown state until the MCU applies a reset signal.
To power the Si828x, the supply for VDDA should be able to handle 10 mA of current and the supplies to VDDB, and VSSB have to be
able to handle 20 mA. Each supply should have 0.1 µF bypass capacitors to provide large switching transient current. The VSSB supply
is optional but it operates better with the CLMP circuit to secure the IGBT in the off state against the collector to gate Miller current.
VSSB should be shorted to VMID if VSSB supply is not available.
The desaturation sensing circuit consisted of the 100 pF blanking capacitor, 100 Ω current limiting resistor, and DSAT diode. These
components provide current and voltage protection for the Si828x desaturation DSAT pin and it is critical to place these components as
close to the IGBT as possible. Also, on the layout, make sure that the loop area forming between these components and the IGBT be
minimized for optimum desaturation detection. The Si8285 has VH and VL gate drive outputs with external 10 Ω resistors to limit output
gate current. The value of these resistors can be adjusted to independently control IGBT collector voltage rise and fall time. The Si8286
only has one VO gate drive output with an external 10 Ω resistor to control IGBT collector voltage rise and fall time. The CLMP output
should be connected to the gate of the IGBT directly to provide clamping action between the gate and VSSB. This clamping action
dissipates IGBT Miller current from collector to the gate to secure the IGBT in the off-state.
3.1.1 Power
To power the Si828x, the supply for VDDA should be able to handle 10 mA of current, the VDDB, and VSSB have to be able to handle
the Si828x biasing current plus the average IGBT gate current drive (see 3.3 Power Dissipation Considerations). Each supply should
have 0.1 μF bypass capacitor to provide large switching transient current in parallel with a 10 μF capacitor. The VSSB supply is option-
al, but it operates better with the CLMP circuit to secure the IGBT in the off state against the collector to gate Miller current. The VSSB
pin should be shorted to VMID if VSSB supply is not available.
3.1.2 Inputs
The Si828x has both inverting and non-inverting gate control inputs (IN– and IN+). In normal operation, one of the inputs is not used
and should be connected to GNDA (IN–) or VDDA (IN+) for proper logic termination. Inputs should be driven by CMOS level push-pull
output. If input is driven by the MCU GPIO, it is recommended that the MCU be located as closed to the Si828x as possible to minimize
PCB trace parasitic and noise coupling to the input circuit.
Si8285/86 Data Sheet
Applications Information
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.6 | 8


Similar Part No. - SI8285

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8285 SKYWORKS-SI8285 Datasheet
902Kb / 29P
   SiC FET-Ready ISODrivers with System Safety Features
Revision 2.0 April, 2021
SI8285BC-AS SKYWORKS-SI8285BC-AS Datasheet
902Kb / 29P
   SiC FET-Ready ISODrivers with System Safety Features
Revision 2.0 April, 2021
SI8285BC-IS SKYWORKS-SI8285BC-IS Datasheet
902Kb / 29P
   SiC FET-Ready ISODrivers with System Safety Features
Revision 2.0 April, 2021
SI8285BD-AS SKYWORKS-SI8285BD-AS Datasheet
902Kb / 29P
   SiC FET-Ready ISODrivers with System Safety Features
Revision 2.0 April, 2021
SI8285BD-IS SKYWORKS-SI8285BD-IS Datasheet
902Kb / 29P
   SiC FET-Ready ISODrivers with System Safety Features
Revision 2.0 April, 2021
More results

Similar Description - SI8285

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8285 SKYWORKS-SI8285 Datasheet
902Kb / 29P
   SiC FET-Ready ISODrivers with System Safety Features
Revision 2.0 April, 2021
logo
Xilinx, Inc
DS600 XILINX-DS600 Datasheet
254Kb / 11P
   Advanced system features
logo
OSRAM GmbH
LEDGUARDIANSL101 OSRAM-LEDGUARDIANSL101 Datasheet
112Kb / 3P
   LED luminaire with safety features
logo
Banner Engineering Corp...
SGS BANNER-SGS Datasheet
112Kb / 2P
   Safety Grid System
logo
Allen-Bradley
2031-A0023A ALLEN-BRADLEY-2031-A0023A Datasheet
254Kb / 20P
   Safety Isolation System
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com