Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si534fD Datasheet(PDF) 4 Page - Silicon Laboratories

Part # Si534fD
Description  10-CHANNEL
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si534fD Datasheet(HTML) 4 Page - Silicon Laboratories

  Si534fD Datasheet HTML 1Page - Silicon Laboratories Si534fD Datasheet HTML 2Page - Silicon Laboratories Si534fD Datasheet HTML 3Page - Silicon Laboratories Si534fD Datasheet HTML 4Page - Silicon Laboratories Si534fD Datasheet HTML 5Page - Silicon Laboratories Si534fD Datasheet HTML 6Page - Silicon Laboratories Si534fD Datasheet HTML 7Page - Silicon Laboratories Si534fD Datasheet HTML 8Page - Silicon Laboratories Si534fD Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
Si5345/44/42
4
Rev. 1.0
2. Electrical Specifications
Table 1. Recommended Operating Conditions*
(VDD =1.8 V ±5%, VDDA =3.3 V ±5%,TA = –40 to 85 °C)
Parameter
Symbol
Min
Typ
Max
Unit
Ambient Temperature
TA
–40
25
85
°C
Junction Temperature
TJMAX
——
125
°C
Core Supply Voltage
VDD
1.71
1.80
1.89
V
VDDA
3.14
3.30
3.47
V
Clock Output Driver Supply Voltage
VDDO
3.14
3.30
3.47
V
2.38
2.50
2.62
V
1.71
1.80
1.89
V
Status Pin Supply Voltage
VDDS
3.14
3.30
3.47
V
1.71
1.80
1.89
V
*Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise noted.


Similar Part No. - Si534fD

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Si534 SILABS-Si534 Datasheet
170Kb / 2P
   Silicon Labs is pleased to announce rev 1.2 for the Si530
logo
Skyworks Solutions Inc.
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI5340 SILABS-SI5340 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
Si5340 SILABS-Si5340 Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
More results

Similar Description - Si534fD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181D AD-ADV7181D Datasheet
380Kb / 24P
   10-Bit, 10-Channel, Multiformat SDTV/HDTV
REV. 0
logo
National Semiconductor ...
DS92LV8028 NSC-DS92LV8028 Datasheet
381Kb / 16P
   8 Channel 10:1 Serializer
logo
Analog Devices
AD7718 AD-AD7718_15 Datasheet
326Kb / 44P
   8-/10-Channel, Low Voltage
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
logo
Texas Instruments
DS92LV8028 TI1-DS92LV8028_13 Datasheet
697Kb / 22P
[Old version datasheet]   8 Channel 10:1 Serializer
logo
Analog Devices
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
logo
ON Semiconductor
NCV7725B ONSEMI-NCV7725B Datasheet
563Kb / 27P
   10 Channel Half-Bridge Driver
January, 2020 ??Rev. 0
logo
Analog Devices
AD7718BRZ AD-AD7718BRZ Datasheet
300Kb / 44P
   8-/10-Channel, Low Voltage
REV. 0
AD7708 AD-AD7708_15 Datasheet
326Kb / 44P
   8-/10-Channel, Low Voltage
REV. 0
logo
SONiX Technology Compan...
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
   8-CHANNEL 10-BIT ADC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com