Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si534fD Datasheet(PDF) 10 Page - Silicon Laboratories

Part # Si534fD
Description  10-CHANNEL
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si534fD Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button Si534fD Datasheet HTML 6Page - Silicon Laboratories Si534fD Datasheet HTML 7Page - Silicon Laboratories Si534fD Datasheet HTML 8Page - Silicon Laboratories Si534fD Datasheet HTML 9Page - Silicon Laboratories Si534fD Datasheet HTML 10Page - Silicon Laboratories Si534fD Datasheet HTML 11Page - Silicon Laboratories Si534fD Datasheet HTML 12Page - Silicon Laboratories Si534fD Datasheet HTML 13Page - Silicon Laboratories Si534fD Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Si5345/44/42
10
Rev. 1.0
Common Mode Volt-
age1,2
(100
Ω load line-to-line)
Normal Mode or Low-Power Mode
VCM
VDDO = 3.3 V
LVDS
1.10
1.25
1.35
V
LVPECL
1.90
2.05
2.15
V
VDDO = 2.5 V
LVPECL
LVDS
1.15
1.25
1.35
V
VDDO = 1.8 V
Sub-LVDS
0.87
0.93
1.0
V
Rise and Fall Times
(20% to 80%)
tR/tF
Normal Mode
170
240
ps
Low-Power Mode
300
430
Differential Output
Impedance3
ZO
Normal Mode
100
Low-Power Mode
650
Table 5. Differential Clock Output Specifications (Continued)
(VDD = 1.8 V ±5%, VDDA =3.3V ±5%, VDDO = 1.8 V ±5%, 2.5 V ±5%, or 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Note:
1. For normal and low-power modes, the amplitude and common-mode settings are programmable through register
settings and can be stored in NVM. Each output driver can be programmed independently. The typical normal mode (or
low-power mode) LVDS maximum is 100 mV (or 80 mV) higher than the TIA/EIA-644 maximum. Also note that the
output voltage swing specifications are given in peak-to-peak single-ended swing.
2. Not all combinations of voltage swing and common mode voltages settings are possible. See the Si5345/44/42 Family
Reference Manual for details.
3. Driver output impedance depends on selected output mode (Normal, Low-Power).
4. Measured for 156.25 MHz carrier frequency. Sinewave noise added to VDDO
(1.8 V = 50 mVpp, 2.5 V/3.3 V = 100 mVpp) and noise spur amplitude measured.
5. Measured across two adjacent outputs, both in LVDS mode, with the victim running at 155.52 MHz and the aggressor
at 156.25 MHz. Refer to “AN862: Optimizing Si534x Jitter Performance in Next Generation Internet Infrastructure
Systems” for guidance on crosstalk optimization. Note that all active outputs must be terminated when measuring
crosstalk.
OUTx
OUTx
Vpp_se
Vpp_se
Vpp_diff = 2*Vpp_se
Vcm
Vcm


Similar Part No. - Si534fD

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Si534 SILABS-Si534 Datasheet
170Kb / 2P
   Silicon Labs is pleased to announce rev 1.2 for the Si530
logo
Skyworks Solutions Inc.
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI5340 SILABS-SI5340 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
Si5340 SILABS-Si5340 Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
More results

Similar Description - Si534fD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181D AD-ADV7181D Datasheet
380Kb / 24P
   10-Bit, 10-Channel, Multiformat SDTV/HDTV
REV. 0
logo
National Semiconductor ...
DS92LV8028 NSC-DS92LV8028 Datasheet
381Kb / 16P
   8 Channel 10:1 Serializer
logo
Analog Devices
AD7718 AD-AD7718_15 Datasheet
326Kb / 44P
   8-/10-Channel, Low Voltage
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
logo
Texas Instruments
DS92LV8028 TI1-DS92LV8028_13 Datasheet
697Kb / 22P
[Old version datasheet]   8 Channel 10:1 Serializer
logo
Analog Devices
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
logo
ON Semiconductor
NCV7725B ONSEMI-NCV7725B Datasheet
563Kb / 27P
   10 Channel Half-Bridge Driver
January, 2020 ??Rev. 0
logo
Analog Devices
AD7718BRZ AD-AD7718BRZ Datasheet
300Kb / 44P
   8-/10-Channel, Low Voltage
REV. 0
AD7708 AD-AD7708_15 Datasheet
326Kb / 44P
   8-/10-Channel, Low Voltage
REV. 0
logo
SONiX Technology Compan...
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
   8-CHANNEL 10-BIT ADC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com