Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8715BC-A-IP Datasheet(PDF) 8 Page - Silicon Laboratories

Part # Si8715BC-A-IP
Description  Industrial automation
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8715BC-A-IP Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si8715BC-A-IP Datasheet HTML 4Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 5Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 6Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 7Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 8Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 9Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 10Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 11Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Si871x/2x
8
Rev. 1.0
Table 3. Regulatory Information*
CSA
The Si871x/2x is certified under CSA Component Acceptance Notice 5A. For more details, see File 232873.
61010-1: Up to 600 VRMS reinforced insulation working voltage; up to 600 VRMS basic insulation working voltage.
60950-1: Up to 1000 VRMS reinforced insulation working voltage; up to 1000 VRMS basic insulation working
voltage.
60601-1: Up to 250 VRMS reinforced insulation working voltage; up to 500 VRMS basic insulation working voltage.
VDE
The Si871x/2x is certified according to IEC60747 and VDE0884. For more details, see File 5006301-4880-0001.
60747-5-2: Up to 1414 Vpeak for basic insulation working voltage.
VDE0884-10: Up to 1414 Vpeak for reinforced insulation working voltage.
UL
The Si871x/2x is certified under UL1577 component recognition program. For more details, see File E257455.
Rated up to 5000 VRMS isolation voltage for basic protection.
CQC
The Si871x/2x is certified under GB4943.1-2011. For more details, see File V2012CQC001041.
Rated up to 1000 VRMS reinforced insulation working voltage; up to 1000 VRMS basic insulation working voltage.
*Note: Regulatory Certifications apply to 3.75 kVRMS rated devices which are production tested to 4.5 kVRMS for 1 sec.
Regulatory Certifications apply to 5.0 kVRMS rated devices which are production tested to 6.0 kVRMS for 1 sec.
For more information, see "8.Ordering Guide" on page 22.
Table 4. Insulation and Safety-Related Specifications
Parameter
Symbol
Test Condition
Value
Unit
SOIC-8
DIP8
SDIP6
Nominal Air Gap (Clearance)
L(IO1)
4.7 min
7.2 min
9.6 min
mm
Nominal External Tracking
(Creepage)
L(IO2)
3.9 min
7.0 min
8.3 min
mm
Minimum Internal Gap
(Internal Clearance)
0.016
0.016
0.016
mm
Tracking Resistance
(Proof Tracking Index)
PTI
IEC60112
600
600
600
V
Erosion Depth
ED
0.031
0.031
0.057
mm
Resistance (Input-Output)*
RIO
1012
1012
1012
Capacitance (Input-Output)*
CIO
f=1 MHz
1
1
1
pF
*Note: To determine resistance and capacitance, the Si871x/2x is converted into a 2-terminal device. Pins 1–4 (1–3, SDIP6)
are shorted together to form the first terminal, and pins 5–8 (4–6, SDIP6) are shorted together to form the second
terminal. The parameters are then measured between these two terminals.


Similar Part No. - Si8715BC-A-IP

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8715BC-A-IP SILABS-SI8715BC-A-IP Datasheet
1Mb / 35P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI8715BC-A-IP SKYWORKS-SI8715BC-A-IP Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
More results

Similar Description - Si8715BC-A-IP

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
   Industrial automation
logo
Red Lion Controls. Inc
SX-1131-S-32 REDLION-SX-1131-S-32 Datasheet
878Kb / 2P
   Industrial Automation Software
logo
Silicon Laboratories
SI863X SILABS-SI863X Datasheet
780Kb / 36P
   Industrial automation systems
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
   Industrial and factory automation
logo
AAEON Technology
AIOT-IGWS01 AAEON-AIOT-IGWS01 Datasheet
338Kb / 2P
   Industrial Automation IoT Gateway
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
Lite-On Technology Corp...
HA-1101-24NL LITEON-HA-1101-24NL Datasheet
393Kb / 3P
   Industrial Automation Panel Mount Series
HA-1351-24NL LITEON-HA-1351-24NL Datasheet
432Kb / 3P
   Industrial Automation Panel Mount Series
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
logo
Lite-On Technology Corp...
HA-1201-24LF LITEON-HA-1201-24LF Datasheet
431Kb / 3P
   Industrial Automation Panel Mount Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com