Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si4461 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si4461
Description  HIGH-PERFORMANCE
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4461 Datasheet(HTML) 1 Page - Silicon Laboratories

  Si4461 Datasheet HTML 1Page - Silicon Laboratories Si4461 Datasheet HTML 2Page - Silicon Laboratories Si4461 Datasheet HTML 3Page - Silicon Laboratories Si4461 Datasheet HTML 4Page - Silicon Laboratories Si4461 Datasheet HTML 5Page - Silicon Laboratories Si4461 Datasheet HTML 6Page - Silicon Laboratories Si4461 Datasheet HTML 7Page - Silicon Laboratories Si4461 Datasheet HTML 8Page - Silicon Laboratories Si4461 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Rev 1.0 10/14
Copyright © 2014 by Silicon Laboratories
Si4463/61/60-C
Si4463/61/60-C
H IGH-P ERFORMANCE, L OW-C URRENT TRANSCEIVER
Features
Applications
Description
Silicon Laboratories' Si446x devices are high-performance, low-current
transceivers covering the sub-GHz frequency bands from 142 to 1050 MHz. The
radios are part of the EZRadioPRO® family, which includes a complete line of
transmitters, receivers, and transceivers covering a wide range of applications. All
parts offer outstanding sensitivity of –129 dBm while achieving extremely low
active and standby current consumption. The Si4463/61/60 offers frequency
coverage in all major bands. The Si446x includes optimal phase noise, blocking,
and selectivity performance for narrow band and wireless MBus licensed band
applications, such as FCC Part90 and 169 MHz wireless Mbus. The 69 dB
adjacent channel selectivity with 12.5 kHz channel spacing ensures robust
receive operation in harsh RF conditions, which is particularly important for narrow
band operation. The Si4463 offers exceptional output power of up to +20 dBm
with outstanding TX efficiency. The high output power and sensitivity results in an
industry-leading link budget of 146 dB allowing extended ranges and highly robust
communication links. The Si4460 active mode TX current consumption of 18 mA
at +10 dBm and RX current of 10 mA coupled with extremely low standby current
and fast wake times ensure extended battery life in the most demanding
applications. The Si4463 can achieve up to +27 dBm output power with built-in
ramping control of a low-cost external FET. The devices can meet worldwide
regulatory standards: FCC, ETSI, wireless MBus, and ARIB. All devices are
designed to be compliant with 802.15.4g and WMbus smart metering standards.
The devices are highly flexible and can be configured via the Wireless
Development Suite (WDS) available on the Silicon Labs website.
Frequency range = 142–1050 MHz
Receive sensitivity = –129 dBm
Modulation

(G)FSK, 4(G)FSK, (G)MSK

OOK
Max output power

+20 dBm (Si4463)

+16 dBm (Si4461)

+13 dBm (Si4460)
PA support for +27 or +30 dBm
Low active power consumption

10/13 mA RX

18 mA TX at +10 dBm (Si4460)
Ultra low current powerdown modes

30 nA shutdown, 40 nA standby
Preamble sense mode

6 mA average RX current at
1.2 kbps

10 µA average RX current at
50 kbps and 1 sec sleep interval
Fast preamble detection

1 byte preamble detection
Data rate = 100 bps to 1 Mbps
Fast wake and hop times
Power supply = 1.8 to 3.8 V
Excellent selectivity performance

69 dB adjacent channel

79 dB blocking at 1 MHz
Antenna diversity and T/R switch control
Highly configurable packet handler
TX and RX 64 byte FIFOs

129 bytes dedicated Tx or Rx
Auto frequency control (AFC)
Automatic gain control (AGC)
Low BOM
Low battery detector
Temperature sensor
20-Pin QFN package
IEEE 802.15.4g and WMBus compliant
Suitable for FCC Part 90 Mask D, FCC
part 15.247, 15,231, 15,249, ARIB T-108,
T-96, T-67, RCR STD-30, China
regulatory
ETSI Category I Operation EN300 220
Smart metering (802.15.4g and WMBus)
Remote control
Home security and alarm
Telemetry
Garage and gate openers
Remote keyless entry
Home automation
Industrial control
Sensor networks
Health monitors
Electronic shelf labels
Patents pending
Pin Assignments
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 nSEL
SDI
SDO
SCLK
NC
SDN
TX
nIRQ
RXp
RXn


Similar Part No. - Si4461

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4461 ETC2-SI4461 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4461 ETC2-SI4461 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si4461 SILABS-Si4461 Datasheet
859Kb / 56P
   HIGH-PERFORMANCE
Si4461 SILABS-Si4461 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4461 SILABS-SI4461 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
More results

Similar Description - Si4461

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Silicon Laboratories
SI4464 SILABS-SI4464 Datasheet
859Kb / 56P
   HIGH-PERFORMANCE
logo
Crystek Corporation
CVHD-930 CRYSTEKCRYSTAL-CVHD-930_15 Datasheet
116Kb / 2P
   High Performance
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
   High Performance
logo
D+H Mechatronic AG
DXD150-K-BSY DH-DXD150-K-BSY Datasheet
443Kb / 3P
   High-performance
logo
Taoglas antenna solutio...
AP.10F.07.0039B TAOGLAS-AP.10F.07.0039B Datasheet
484Kb / 11P
   High performance
logo
ATMEL Corporation
AT6000 ATMEL-AT6000_14 Datasheet
841Kb / 28P
   High-performance
logo
Crystek Corporation
CVHD-931 CRYSTEKCRYSTAL-CVHD-931_15 Datasheet
116Kb / 2P
   High Performance
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Integrated Circuit Syst...
ICS3726-12 ICST-ICS3726-12 Datasheet
137Kb / 6P
   HIGH PERFORMANCE VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com