Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI863X Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI863X
Description  Industrial automation systems
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI863X Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI863X Datasheet HTML 3Page - Silicon Laboratories SI863X Datasheet HTML 4Page - Silicon Laboratories SI863X Datasheet HTML 5Page - Silicon Laboratories SI863X Datasheet HTML 6Page - Silicon Laboratories SI863X Datasheet HTML 7Page - Silicon Laboratories SI863X Datasheet HTML 8Page - Silicon Laboratories SI863X Datasheet HTML 9Page - Silicon Laboratories SI863X Datasheet HTML 10Page - Silicon Laboratories SI863X Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
3.1 Device Startup
Outputs are held low during powerup until VDD is above the UVLO threshold for time period tSTART. Following this, the outputs follow
the states of inputs.
3.2 Undervoltage Lockout
Undervoltage Lockout (UVLO) is provided to prevent erroneous operation during device startup and shutdown or when VDD is below its
specified operating circuits range. Both Side A and Side B each have their own undervoltage lockout monitors. Each side can enter or
exit UVLO independently. For example, Side A unconditionally enters UVLO when VDD1 falls below VDD1(UVLO–) and exits UVLO when
VDD1 rises above VDD1(UVLO+). Side B operates the same as Side A with respect to its VDD2 supply.
Figure 3.1. Device Behavior during Normal Operation
3.3 Layout Recommendations
To ensure safety in the end-user application, high-voltage circuits (i.e., circuits with >30 VAC) must be physically separated from the
safety extra-low-voltage circuits (SELV is a circuit with <30 VAC) by a certain distance (creepage/clearance). If a component, such as a
digital isolator, straddles this isolation barrier, it must meet those creepage/clearance requirements and also provide a sufficiently large
high-voltage breakdown protection rating (commonly referred to as working voltage protection). Table 4.6 Insulation and Safety-Related
Specifications on page 19 and Table 4.8 IEC 60747-5-5 Insulation Characteristics for Si86xxxx 1 on page 20 detail the working volt-
age and creepage/clearance capabilities of the Si86xx. These tables also detail the component standards (UL1577, IEC60747, CSA
5A), which are readily accepted by certification bodies to provide proof for end-system specifications requirements. Refer to the end-
system specification (61010-1, 60950-1, 60601-1, etc.) requirements before starting any design that uses a digital isolator.
3.3.1 Supply Bypass
The Si863x family requires a 0.1 µF bypass capacitor between VDD1 and GND1 and VDD2 and GND2. The capacitor should be placed
as close as possible to the package. To enhance the robustness of a design, the user may also include resistors (50–300 Ω ) in series
with the inputs and outputs if the system is excessively noisy.
3.3.2 Output Pin Termination
The nominal output impedance of an isolator driver channel is approximately 50 Ω, ±40%, which is a combination of the value of the on-
chip series termination resistor and channel resistance of the output driver FET. When driving loads where transmission line effects will
be a factor, output pins should be appropriately terminated with controlled impedance PCB traces.
3.4 Fail-Safe Operating Mode
Si86xx devices feature a selectable (by ordering option) mode whereby the default output state (when the input supply is unpowered)
can either be a logic high or logic low when the output supply is powered. See Table 3.1 Si86xx Logic Operation on page 4 and
1. Ordering Guide for more information.
Si8630/31/35 Data Sheet
Device Operation
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.8 | 6


Similar Part No. - SI863X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
   Low-Power Triple-Channel Digital Isolators
SI8630 SILABS-SI8630 Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
logo
Skyworks Solutions Inc.
SI8630 SKYWORKS-SI8630 Datasheet
1,017Kb / 38P
   Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
logo
Silicon Laboratories
SI8630AB-AS SILABS-SI8630AB-AS Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
logo
Skyworks Solutions Inc.
SI8630AB-AS SKYWORKS-SI8630AB-AS Datasheet
664Kb / 47P
   1 Mbps, 2.5 kVRMS Digital Isolators
Revision 1.03
More results

Similar Description - SI863X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
   Industrial automation
logo
Silicon Laboratories
SI871X SILABS-SI871X Datasheet
1Mb / 35P
   Industrial automation
logo
Red Lion Controls. Inc
SX-1131-S-32 REDLION-SX-1131-S-32 Datasheet
878Kb / 2P
   Industrial Automation Software
logo
Silicon Laboratories
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
   Industrial and factory automation
logo
AAEON Technology
AIOT-IGWS01 AAEON-AIOT-IGWS01 Datasheet
338Kb / 2P
   Industrial Automation IoT Gateway
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
VIA Technologies, Inc.
AMOS-825 VIA-AMOS-825 Datasheet
475Kb / 2P
   Industrial Systems ARM
AMOS-3005 VIA-AMOS-3005 Datasheet
427Kb / 3P
   Industrial Systems x86
AMOS-3003 VIA-AMOS-3003 Datasheet
500Kb / 3P
   Industrial Systems x86
logo
Lite-On Technology Corp...
HA-1101-24NL LITEON-HA-1101-24NL Datasheet
393Kb / 3P
   Industrial Automation Panel Mount Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com