Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIG100J7CSB1W Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # MIG100J7CSB1W
Description  TOSHIBA Intelligent Power Module Silicon N Channel IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MIG100J7CSB1W Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button MIG100J7CSB1W Datasheet HTML 3Page - Toshiba Semiconductor MIG100J7CSB1W Datasheet HTML 4Page - Toshiba Semiconductor MIG100J7CSB1W Datasheet HTML 5Page - Toshiba Semiconductor MIG100J7CSB1W Datasheet HTML 6Page - Toshiba Semiconductor MIG100J7CSB1W Datasheet HTML 7Page - Toshiba Semiconductor MIG100J7CSB1W Datasheet HTML 8Page - Toshiba Semiconductor MIG100J7CSB1W Datasheet HTML 9Page - Toshiba Semiconductor MIG100J7CSB1W Datasheet HTML 10Page - Toshiba Semiconductor MIG100J7CSB1W Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MIG100J7CSB1W
2001-11-13
9
1
0.001
0.001
0.01
1
0.003
0.1
0.01
0.005
0.03
0.1
0.05
0.3
0.5
10
Tc
= 25°C
Diode stage
Transistor stage
1
0.001
0.001
0.01
1
0.003
0.1
0.01
0.005
0.03
0.1
0.05
0.3
0.5
10
Tc
= 25°C
Diode stage
Transistor stage
OC
180
0
0
200
600
160
140
80
20
400
Tj <
= 125°C
VD = 15 V
100
60
100
300
700
500
40
120
100
0
0
5
15
25
60
80
10
40
20
20
VD = 15 V
Tj = 25°C
30
0
0
5
15
25
15
20
10
25
10
5
20
VD = 15 V
Tj = 25°C
Case temperature
TC
(°C)
OC – TC
Carrier frequency
fc (kHz)
ID (H) – fc
Carrier frequency
fc (kHz)
ID (L) – fc
Collector-emitter voltage
VCE
(V)
Reverse bias SOA
Pulse width
tw
(s)
Rth (t) – tw Inverter stage
Pulse width
tw
(s)
Rth (t) – tw Brake stage
300
0
0
25
75
150
150
250
50
100
125
100
VD = 15 V
Inverter stage
Brake stage
50
200


Similar Part No. - MIG100J7CSB1W

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MIG100J7CSB1W MITSUBISHI-MIG100J7CSB1W Datasheet
221Kb / 10P
   High Power Switching Applications Motor Control Applications
More results

Similar Description - MIG100J7CSB1W

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG300J101H TOSHIBA-MIG300J101H Datasheet
190Kb / 8P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG150Q201H TOSHIBA-MIG150Q201H Datasheet
136Kb / 6P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG50Q6CSB1X TOSHIBA-MIG50Q6CSB1X Datasheet
169Kb / 11P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG75J6CSB1W TOSHIBA-MIG75J6CSB1W Datasheet
182Kb / 11P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG75J201H TOSHIBA-MIG75J201H Datasheet
217Kb / 8P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG400J101H TOSHIBA-MIG400J101H Datasheet
189Kb / 8P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG100Q6CMB1X TOSHIBA-MIG100Q6CMB1X Datasheet
166Kb / 11P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG50J7CSB1W TOSHIBA-MIG50J7CSB1W Datasheet
186Kb / 11P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG100J101H TOSHIBA-MIG100J101H Datasheet
218Kb / 8P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG50J101H TOSHIBA-MIG50J101H Datasheet
211Kb / 8P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com