Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI844X Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI844X
Description  FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI844X Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI844X Datasheet HTML 4Page - Silicon Laboratories SI844X Datasheet HTML 5Page - Silicon Laboratories SI844X Datasheet HTML 6Page - Silicon Laboratories SI844X Datasheet HTML 7Page - Silicon Laboratories SI844X Datasheet HTML 8Page - Silicon Laboratories SI844X Datasheet HTML 9Page - Silicon Laboratories SI844X Datasheet HTML 10Page - Silicon Laboratories SI844X Datasheet HTML 11Page - Silicon Laboratories SI844X Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Si844x/5x QSOP
8
Rev. 1.2
Table 4. Electrical Characteristics
(VDD1 = 3.3 V±10%, VDD2 = 3.3 V±10%, TA = –40 to 125 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
——
0.8
V
High Level Output Voltage
VOH
loh = –4 mA
VDD1,VDD2 –0.4
3.1
V
Low Level Output Voltage
VOL
lol = 4 mA
0.2
0.4
V
Input Leakage Current
IL
——
±10
µA
Output Impedance1
ZO
—85
Enable Input High Current
IENH
VENx =VIH
—2.0
µA
Enable Input Low Current
IENL
VENx =VIL
—2.0
µA
DC Supply Current (All inputs 0 V or at supply)
Si8455Bx
VDD1
VDD2
VDD1
VDD2
All inputs 0 dc
All inputs 0 dc
All inputs 1 dc
All inputs 1 dc
1.6
2.9
7.0
3.1
2.4
4.4
10.5
4.7
mA
Si8442Bx
VDD1
VDD2
VDD1
VDD2
All inputs 0 dc
All inputs 0 dc
All inputs 1 dc
All inputs 1 dc
2.3
2.3
4.5
4.5
3.5
3.5
6.8
6.8
mA
1 Mbps Supply Current (All inputs = 500 kHz square wave, CI = 15 pF on all outputs)
Si8455Bx
VDD1
VDD2
4.3
3.5
6.5
5.3
mA
Si8442Bx
VDD1
VDD2
3.6
3.6
5.4
5.4
mA
10 Mbps Supply Current (All inputs = 5 MHz square wave, CI = 15 pF on all outputs)
Si8455Bx
VDD1
VDD2
4.3
4.8
6.5
6.7
mA
Si8442Bx
VDD1
VDD2
4.2
4.2
5.9
5.9
mA
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 85 , ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3. Start-up time is the time period from the application of power to valid data at the output.


Similar Part No. - SI844X

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results

Similar Description - SI844X

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
logo
List of Unclassifed Man...
IL715 ETC1-IL715 Datasheet
128Kb / 7P
   Four Channel Digital Isolators
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934 Datasheet
1Mb / 24P
   Four-Channel, 5kVRMS Digital Isolators
Rev 0; 9/14
MAX14934 MAXIM-MAX14934_V01 Datasheet
1Mb / 23P
   Four-Channel, 5kVRMS Digital Isolators
2020
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
   High Speed Four-Channel Digital Isolators
logo
Maxim Integrated Produc...
MAX14430 MAXIM-MAX14430_V01 Datasheet
1Mb / 31P
   Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
2022
MAX14430 MAXIM-MAX14430 Datasheet
1Mb / 31P
   Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
Rev 5; 11/20
MAX14434 MAXIM-MAX14434 Datasheet
1Mb / 26P
   Four-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
Rev 3; 1/19
MAX22446E MAXIM-MAX22446E_V01 Datasheet
1Mb / 31P
   Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
2021
MAX22444 MAXIM-MAX22444 Datasheet
1Mb / 31P
   Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
Rev 7; 3/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com