Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH203 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MH203
Description  High Linearity Cellular-Band MMIC Mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MH203 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MH203 Datasheet HTML 1Page - List of Unclassifed Manufacturers MH203 Datasheet HTML 2Page - List of Unclassifed Manufacturers MH203 Datasheet HTML 3Page - List of Unclassifed Manufacturers MH203 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
November 2003
The Communications Edge
TM
MH203
High Linearity Cellular-Band MMIC Mixer
Product Information
Application Circuit (MH203-PCB)
Circuit Board Material: .014” FR-4, 4 layers, .062” total thickness
Outline Drawing
Mounting Configuration / Land Pattern
Product Marking
The component will be marked with an “MH203”
designator followed by a four- or five-digit alpha-
numeric lot code on the top surface of the
package.
Tape and reel specifications for this
part is located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Classification: Class 1B
Value:
Passes
!500 V to <1000 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Classification: Class III
Value:
Passes
!500 V to <1000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating:
Level 3 at +235
°C convection reflow
Standard:
JEDEC Standard J-STD-020B
Functional Pin Layout
Pin
Function
1
Ground
2
LO Port
3
Ground
4
Ground
5
Ground
6
Ground
7
RF / IF Port*
8
Ground
* External components (inductors & capacitors) are
required to diplex the signal
RF
C1
10 pF
IF
C2
3.9 pF
L2
10 nH
L1
27 nH
LO
L3
15 nH
C3
5.6 pF
All components are of size 0402.
All other pins on mixer are grounded.
PIN 2
PIN 7


Similar Part No. - MH203

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MH203 WJCI-MH203 Datasheet
153Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203-PCB WJCI-MH203-PCB Datasheet
153Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203-RFID WJCI-MH203-RFID Datasheet
153Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A-G WJCI-MH203A-G Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results

Similar Description - MH203

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MH203-RFID WJCI-MH203-RFID Datasheet
153Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH204 WJCI-MH204 Datasheet
163Kb / 2P
   High Dynamic Range Cellular Band MMIC Mixer
logo
List of Unclassifed Man...
MH202 ETC1-MH202 Datasheet
163Kb / 2P
   High Dynamic Range Cellular Band MMIC Mixer
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com