Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4944 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4944
Description  Infrared Emitter Arrays (940 nm)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4944 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH4944 Datasheet HTML 2Page - OSRAM GmbH SFH4944 Datasheet HTML 3Page - OSRAM GmbH SFH4944 Datasheet HTML 4Page - OSRAM GmbH SFH4944 Datasheet HTML 5Page - OSRAM GmbH SFH4944 Datasheet HTML 6Page - OSRAM GmbH SFH4944 Datasheet HTML 7Page - OSRAM GmbH SFH4944 Datasheet HTML 8Page - OSRAM GmbH SFH4944 Datasheet HTML 9Page - OSRAM GmbH SFH4944 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2015-01-16
6
Version 1.0
SFH 4942/ 4943/ 4944/ 4945/ 4946/ 4947/ 4948/ 4949/ 4940
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF, max = f(TA), RthJA = 750 K / W
Forward Current 2) page 11
Durchlassstrom 2) Seite 11
IF = f(VF), single pulse, tp = 40 µs, TA= 25°C
Permissible Pulse Handling Capability
Zulässige Pulsbelastbarkeit
IF = f(tp), TC = 25 °C, duty cycle D = parameter
0
0
˚C
TA
F
I
mA
OHF05661
20
40
60
80
100
5
10
15
20
25
30
35
40
45
0
I
OHF05642
F
VF
mA
V
10
2
3
10
0
10
1
10
1
2
3
4
2
1
0
-1
-2
-3
-4
-5
10
10
10
10
10
tp
10
10
s
10
0
T
t
A
IF
D =
I
P
T
F
P
t
OHF05662
1
0.5
0.01
0.05
0.1
0.2
0.02
0.005
D =
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1


Similar Part No. - SFH4944

ManufacturerPart #DatasheetDescription
logo
ams AG
SFH4940 AMSCO-SFH4940 Datasheet
1Mb / 16P
   Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
logo
OSRAM GmbH
SFH4941 OSRAM-SFH4941 Datasheet
384Kb / 10P
   Infrared Emitter
SFH4941C OSRAM-SFH4941C Datasheet
233Kb / 10P
   Infrared Emitter
logo
ams AG
SFH4942 AMSCO-SFH4942 Datasheet
1Mb / 14P
   Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
More results

Similar Description - SFH4944

ManufacturerPart #DatasheetDescription
logo
ams AG
SFH4942 AMSCO-SFH4942 Datasheet
1Mb / 14P
   Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
logo
OSRAM GmbH
SFH-4940 OSRAM-SFH-4940 Datasheet
440Kb / 10P
   Infrared Emitter Arrays (940 nm)
logo
ams AG
SFH4940 AMSCO-SFH4940 Datasheet
1Mb / 16P
   Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
logo
OSRAM GmbH
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
   Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
   Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
   Infrared Emitter (940 nm)
SFH4841E7800 OSRAM-SFH4841E7800 Datasheet
451Kb / 12P
   Infrared Emitter (940 nm)
SFH4846 OSRAM-SFH4846 Datasheet
270Kb / 12P
   Infrared Emitter (940 nm)
SFH-4941-C OSRAM-SFH-4941-C Datasheet
233Kb / 10P
   Infrared Emitter (940 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
   Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com