Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4845 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4845
Description  Infrared Emitter (940 nm)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4845 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4845 Datasheet HTML 1Page - OSRAM GmbH SFH4845 Datasheet HTML 2Page - OSRAM GmbH SFH4845 Datasheet HTML 3Page - OSRAM GmbH SFH4845 Datasheet HTML 4Page - OSRAM GmbH SFH4845 Datasheet HTML 5Page - OSRAM GmbH SFH4845 Datasheet HTML 6Page - OSRAM GmbH SFH4845 Datasheet HTML 7Page - OSRAM GmbH SFH4845 Datasheet HTML 8Page - OSRAM GmbH SFH4845 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2015-10-08
1
2015-10-08
Infrared Emitter (940 nm)
IR-Lumineszenzdiode (940 nm)
Version 1.1
SFH 4845
Features:
Besondere Merkmale:
Wavelength 950nm
Wellenlänge 950nm
Anode is electrically connected to the case
Anode galvanisch mit dem Gehäuseboden
verbunden
Short switching times
Kurze Schaltzeiten
Spectral match with silicon photodetectors
Gute spektrale Anpassung an Si-Fotoempfänger
Applications
Anwendungen
Photointerrupters
Lichtschranken
Sensor technology
Sensorik
Light curtains
Lichtgitter
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


Similar Part No. - SFH4845

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH484 SIEMENS-SFH484 Datasheet
48Kb / 5P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH484-1 SIEMENS-SFH484-1 Datasheet
84Kb / 2P
   GaAlAs INFRARED EMITTER
SFH484-1 SIEMENS-SFH484-1 Datasheet
48Kb / 5P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH484-2 SIEMENS-SFH484-2 Datasheet
84Kb / 2P
   GaAlAs INFRARED EMITTER
SFH484-2 SIEMENS-SFH484-2 Datasheet
48Kb / 5P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
More results

Similar Description - SFH4845

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
   Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
   Infrared Emitter (940 nm)
SFH4841E7800 OSRAM-SFH4841E7800 Datasheet
451Kb / 12P
   Infrared Emitter (940 nm)
SFH4846 OSRAM-SFH4846 Datasheet
270Kb / 12P
   Infrared Emitter (940 nm)
SFH-4941-C OSRAM-SFH-4941-C Datasheet
233Kb / 10P
   Infrared Emitter (940 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
   Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
   Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
logo
ams AG
SFH4942 AMSCO-SFH4942 Datasheet
1Mb / 14P
   Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
logo
OSRAM GmbH
SFH-4940 OSRAM-SFH-4940 Datasheet
440Kb / 10P
   Infrared Emitter Arrays (940 nm)
SFH4942 OSRAM-SFH4942 Datasheet
473Kb / 12P
   Infrared Emitter Arrays (940 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com