Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4714A Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH4714A
Description  OSLON Black Series (850 nm) - 150
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4714A Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH4714A Datasheet HTML 3Page - OSRAM GmbH SFH4714A Datasheet HTML 4Page - OSRAM GmbH SFH4714A Datasheet HTML 5Page - OSRAM GmbH SFH4714A Datasheet HTML 6Page - OSRAM GmbH SFH4714A Datasheet HTML 7Page - OSRAM GmbH SFH4714A Datasheet HTML 8Page - OSRAM GmbH SFH4714A Datasheet HTML 9Page - OSRAM GmbH SFH4714A Datasheet HTML 10Page - OSRAM GmbH SFH4714A Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Version 1.1
SFH 4714A
2015-11-19
7
Reflow Soldering Profile
Product complies to MSL Level 2 acc. to JEDEC J-STD-020D.01
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L
OHA04612
Profile Feature
Profil-Charakteristik
Ramp-up rate to preheat*)
25 °C to 150 °C
2
3
K/s
Time t
S
T
Smin to TSmax
t
S
t
L
t
P
T
L
T
P
100
120
60
10
20
30
80
100
217
2
3
245
260
3
6
Time
25 °C to T
P
Time within 5 °C of the specified peak
temperature T
P - 5 K
Ramp-down rate*
T
P
to
100 °C
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation DT/Dt: Dt max. 5 s; fulfillment for the whole T-range
Ramp-up rate to peak*)
T
Smax
to
T
P
Liquidus temperature
Peak temperature
Time above liquidus temperature
Symbol
Symbol
Unit
Einheit
Pb-Free (SnAgCu) Assembly
Minimum
Maximum
Recommendation
K/s
K/s
s
s
s
s
°C
°C
480


Similar Part No. - SFH4714A

ManufacturerPart #DatasheetDescription
logo
ams AG
SFH4714A AMSCO-SFH4714A Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
SFH4714AR33 AMSCO-SFH4714AR33 Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
More results

Similar Description - SFH4714A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4716A OSRAM-SFH4716A Datasheet
501Kb / 14P
   OSLON Black Series (850 nm) - 150
SFH4716S OSRAM-SFH4716S Datasheet
498Kb / 13P
   OSLON Black Series (850 nm) - 150
logo
ams AG
SFH4714A AMSCO-SFH4714A Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
logo
OSRAM GmbH
SFH4715S OSRAM-SFH4715S Datasheet
229Kb / 10P
   OSLON Black Series (850 nm)
SFH4715 OSRAM-SFH4715 Datasheet
214Kb / 10P
   OSLON Black Series (850 nm)
SFH4715AS OSRAM-SFH4715AS Datasheet
780Kb / 14P
   OSLON Black Series (850 nm) - 90
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
   OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4718ASA01 AMSCO-SFH4718ASA01 Datasheet
1Mb / 20P
   OSLON Black Series (850 nm) - 50°
Version 1.2 2023-02-15
logo
OSRAM GmbH
SFH4713A OSRAM-SFH4713A Datasheet
710Kb / 13P
   OSLON Black Series (850 nm) - 90
SFH4726S OSRAM-SFH4726S Datasheet
394Kb / 15P
   OSLON Black Series (940 nm) - 150
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com