Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8273DBD-IS1 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si8273DBD-IS1
Description  Single PWM or dual digital inputs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8273DBD-IS1 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si8273DBD-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8273DBD-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8273DBD-IS1 Datasheet HTML 9Page - Silicon Laboratories Si8273DBD-IS1 Datasheet HTML 10Page - Silicon Laboratories Si8273DBD-IS1 Datasheet HTML 11Page - Silicon Laboratories Si8273DBD-IS1 Datasheet HTML 12Page - Silicon Laboratories Si8273DBD-IS1 Datasheet HTML 13Page - Silicon Laboratories Si8273DBD-IS1 Datasheet HTML 14Page - Silicon Laboratories Si8273DBD-IS1 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
The maximum power dissipation allowable for the Si827x is a function of the package thermal resistance, ambient temperature, and
maximum allowable junction temperature, as shown in Equation 2:
PDmax
T jmax − TA
θ ja
where:
PDmax = Maximum Si827x power dissipation (W)
Tjmax = Si827x maximum junction temperature (150 °C)
TA = Ambient temperature (20 °C)
θja = Si827x junction-to-air thermal resistance (105 °C/W)
Equation 2
Substituting values for PDmax Tjmax, TA, and θja into Equation 2 results in a maximum allowable total power dissipation of 1.19 W. Maxi-
mum allowable load is found by substituting this limit and the appropriate data sheet values from Table 4.1 Electrical Characteristics on
page 16 into Equation 1 and simplifying. The result is Equation 3, both of which assume VDDI = 5 V and VDDA = VDDB = 12 V.
CL (MAX ) =
1.24 × 10−2
f
− 1.21 × 10−9
Equation 3
Figure 2.17. Max Load vs. Switching Frequency
2.5 Layout Considerations
It is most important to minimize ringing in the drive path and noise on the Si827x VDD lines. Care must be taken to minimize parasitic
inductance in these paths by locating the Si827x as close to the device it is driving as possible. In addition, the VDD supply and ground
trace paths must be kept short. For this reason, the use of power and ground planes is highly recommended. A split ground plane sys-
tem having separate ground and VDD planes for power devices and small signal components provides the best overall noise perform-
ance.
Si827x Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5 | 10


Similar Part No. - Si8273DBD-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8273DBD-IS1 SILABS-SI8273DBD-IS1 Datasheet
944Kb / 44P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI8273DBD-IS1 SKYWORKS-SI8273DBD-IS1 Datasheet
1Mb / 47P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
More results

Similar Description - Si8273DBD-IS1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA05B ETC-AA05B Datasheet
37Kb / 2P
   6W max 4.5V or 24V or 48V inputs Single / Dual output
logo
Gennum Corporation
GA3216 GENNUM-GA3216 Datasheet
233Kb / 14P
   FOUNDATION-TM Digital Single or Dual Channel DSP Compression System
logo
List of Unclassifed Man...
DMX710 ETC1-DMX710 Datasheet
275Kb / 6P
   DMX512 Transmitter with 6/8/12 digital or analoge inputs
logo
THOR communications
H-2ADHD-QAM-IP THOR-H-2ADHD-QAM-IP Datasheet
511Kb / 1P
   Convert 2 HD or SD Inputs to Digital HDTV Channels
logo
List of Unclassifed Man...
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1005 ETC2-ZSPM1005 Datasheet
644Kb / 24P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025C RENESAS-ZSPM1025C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
   True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1035C RENESAS-ZSPM1035C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com