Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4877 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4877
Description  1 Watt Audio Power Amplifier in micro SMD package with Shutdown Logic Low
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4877 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4877 Datasheet HTML 2Page - National Semiconductor (TI) LM4877 Datasheet HTML 3Page - National Semiconductor (TI) LM4877 Datasheet HTML 4Page - National Semiconductor (TI) LM4877 Datasheet HTML 5Page - National Semiconductor (TI) LM4877 Datasheet HTML 6Page - National Semiconductor (TI) LM4877 Datasheet HTML 7Page - National Semiconductor (TI) LM4877 Datasheet HTML 8Page - National Semiconductor (TI) LM4877 Datasheet HTML 9Page - National Semiconductor (TI) LM4877 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical Performance Characteristics (Continued)
Power Dissipation vs
Output Power
V
DD = 3.3V
DS101290-27
Power Dissipation vs
Output Power
V
DD = 2.6V
DS101290-28
Clipping Voltage vs
Supply Voltage
DS101290-15
Supply Current vs
Shutdown Voltage
LM4877 @ VDD = 5/3.3/2.6V
dc
DS101290-35
Frequency Response vs
Input Capacitor Size
DS101290-17
Power Supply
Rejection Ratio
DS101290-18
www.national.com
6


Similar Part No. - LM4877

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4870 NSC-LM4870 Datasheet
259Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4870M NSC-LM4870M Datasheet
259Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
469Kb / 16P
   3W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4871 TI1-LM4871 Datasheet
1Mb / 23P
[Old version datasheet]   3W Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4877

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4878 NSC-LM4878 Datasheet
515Kb / 16P
   1 Watt Audio Power Amplifier in micro SMD package with Shutdown Logic Low
LM4872 NSC-LM4872 Datasheet
425Kb / 14P
   1 Watt Audio Power Amplifier in micro SMD package
logo
Texas Instruments
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
[Old version datasheet]   1.1W Audio Power Amplifier with Logic Low Shutdown
logo
National Semiconductor ...
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
   1.1W Audio Power Amplifier with Shutdown Logic Low
LM4876 NSC-LM4876_03 Datasheet
320Kb / 12P
   1.1W Audio Power Amplifier with Logic Low Shutdown
logo
Texas Instruments
LM4901MMX TI-LM4901MMX Datasheet
1Mb / 25P
[Old version datasheet]   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
National Semiconductor ...
LM4901 NSC-LM4901 Datasheet
1Mb / 24P
   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
LM4990 NSC-LM4990 Datasheet
728Kb / 19P
   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Texas Instruments
LM4990 TI-LM4990_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
LM4876MM TI-LM4876MM Datasheet
1,011Kb / 19P
[Old version datasheet]   LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com