Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8261ACD-C-IM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si8261ACD-C-IM
Description  Rail-to-rail output voltage
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8261ACD-C-IM Datasheet(HTML) 1 Page - Silicon Laboratories

  Si8261ACD-C-IM Datasheet HTML 1Page - Silicon Laboratories Si8261ACD-C-IM Datasheet HTML 2Page - Silicon Laboratories Si8261ACD-C-IM Datasheet HTML 3Page - Silicon Laboratories Si8261ACD-C-IM Datasheet HTML 4Page - Silicon Laboratories Si8261ACD-C-IM Datasheet HTML 5Page - Silicon Laboratories Si8261ACD-C-IM Datasheet HTML 6Page - Silicon Laboratories Si8261ACD-C-IM Datasheet HTML 7Page - Silicon Laboratories Si8261ACD-C-IM Datasheet HTML 8Page - Silicon Laboratories Si8261ACD-C-IM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Rev. 1.3 5/15
Copyright © 2015 by Silicon Laboratories
Si826x
Si826x
5 KV LED E MULATOR I NPUT, 4.0 A I SOLATED G ATE D RIVERS
Features
Applications
Safety Regulatory Approvals
Description
The Si826x isolators are pin-compatible, drop-in upgrades for popular opto-
coupled gate drivers, such as 0.6 A ACPL-0302/3020, 2.5 A HCPL-3120/ACPL-
3130, HCNW3120/3130, and similar opto-drivers. The devices are ideal for driving
power MOSFETs and IGBTs used in a wide variety of inverter and motor control
applications. The Si826x isolated gate drivers utilize Silicon Laboratories'
proprietary silicon isolation technology, supporting up to 5.0 kVRMS withstand
voltage per UL1577 and 10kV surge protection per IEC60747. This technology
enables higher-performance, reduced variation with temperature and age, tighter
part-to-part matching, and superior common-mode rejection compared to opto-
coupled gate drivers. While the input circuit mimics the characteristics of an LED,
less drive current is required, resulting in higher efficiency. Propagation delay time
is independent of input drive current, resulting in consistently short propagation
times, tighter unit-to-unit variation, and greater input circuit design flexibility. As a
result, the Si826x series offers longer service life and dramatically higher reliability
compared to opto-coupled gate drivers.
Pin-compatible, drop-in upgrades for
popular high speed opto-coupled
gate drivers
Low power diode emulator simplifies
design-in process
0.6 and 4.0 Amp peak output drive
current
Rail-to-rail output voltage
Performance and reliability
advantages vs. opto-drivers

Resistant to temperature and age

10x lower FIT rate for longer
service life

14x tighter part-to-part matching

Higher common-mode transient
immunity: >50 kV/µs typical
Robust protection features

Multiple UVLO ordering options
(5, 8, and 12 V) with hysteresis
60 ns propagation delay,
independent of input drive current
Wide VDD range: 6.5 to 30 V
Up to 5000 VRMS isolation
10 kV surge withstand capability
AEC-Q100 qualified
Wide operating temperature range

–40 to +125 °C
RoHS-compliant packages

SOIC-8 (Narrow body)

DIP8 (Gull-wing)

SDIP6 (Stretched SO-6)

LGA8
IGBT/ MOSFET gate drives
Industrial, HEV and renewable
energy inverters
AC, Brushless, and DC motor
controls and drives
Variable speed motor control in
consumer white goods
Isolated switch mode and UPS
power supplies
UL 1577 recognized

Up to 5000 Vrms for 1 minute
CSA component notice 5A approval

IEC 60950-1, 61010-1, 60601-1
(reinforced insulation)
VDE certification conformity

IEC60747-5-2/VDE0884-10
(basic/reinforced insulation)
CQC certification approval

GB4943.1
Patent pending
Pin Assignments:
See page 22
1
2
3
4
8
7
6
5
ANODE
CATHODE
NC
VDD
VO
VO
SOIC-8, DIP8, LGA8
Industry Standard Pinout
GND
UVLO
1
3
6
5
4
ANODE
CATHODE
VDD
VO
GND
SDIP6
Industry Standard Pinout
2
NC
UVLO
e
e


Similar Part No. - Si8261ACD-C-IM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8261ACD-C-IS SKYWORKS-SI8261ACD-C-IS Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
More results

Similar Description - Si8261ACD-C-IM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3410 AVAGO-ACNW3410 Datasheet
1Mb / 15P
   Rail-to-rail output voltage
ACPL-337J AVAGO-ACPL-337J Datasheet
835Kb / 18P
   Rail-to-rail output voltage
ACNW3430 AVAGO-ACNW3430 Datasheet
1Mb / 16P
   Rail-to-rail output voltage
ACPL-336J AVAGO-ACPL-336J Datasheet
825Kb / 18P
   Rail-to-rail output voltage
ACPL-P346 AVAGO-ACPL-P346 Datasheet
361Kb / 16P
   Rail-to-rail output voltage
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
   Rail-to-rail output
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com