Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8261ACC-C-IS Datasheet(PDF) 5 Page - Silicon Laboratories

Part # Si8261ACC-C-IS
Description  Rail-to-rail output voltage
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8261ACC-C-IS Datasheet(HTML) 5 Page - Silicon Laboratories

  Si8261ACC-C-IS Datasheet HTML 1Page - Silicon Laboratories Si8261ACC-C-IS Datasheet HTML 2Page - Silicon Laboratories Si8261ACC-C-IS Datasheet HTML 3Page - Silicon Laboratories Si8261ACC-C-IS Datasheet HTML 4Page - Silicon Laboratories Si8261ACC-C-IS Datasheet HTML 5Page - Silicon Laboratories Si8261ACC-C-IS Datasheet HTML 6Page - Silicon Laboratories Si8261ACC-C-IS Datasheet HTML 7Page - Silicon Laboratories Si8261ACC-C-IS Datasheet HTML 8Page - Silicon Laboratories Si8261ACC-C-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Si826x
Rev. 1.3
5
Output High Current (Source)3,4
IOH
Si826xAxx devices (IF =0),
(tPW_IOH < 250 ns)
(see Figure 3)
—0.4
A
Si826xBxx devices (IF =0),
(tPW_IOH < 250 ns),
(VDD –VO =7.5 V)
(see Figure 3)
0.5
1.8
Output Low Current (Sink)3,4
IOL
Si826xAxx devices
(IF =10mA),
(tPW_IOL < 250 ns)
(see Figure 2)
—0.6
A
Si826xBxx devices
(IF =10mA),
(tPW_IOL < 250 ns),
(VO -GND =4.2 V)
(see Figure 2)
1.2
4.0
High-Level Output Voltage
VOH
Si826xAxx devices
(I OUT = –100 mA)
VDD
0.4
V
Si826xBxx devices
(I OUT = –100 mA)
VDD
0.5
VDD
0.25
Si826xBxx devices
(I OUT =0mA),
(IF =0mA)
—VDD
Low-Level Output Voltage
VOL
Si826xAxx devices
(I OUT = 100 mA),
(IF =10mA)
320
mV
Si826xBxx devices
(I OUT = 100 mA),
(IF =10mA)
80
200
UVLO Threshold +
(Si826xxAx mode)
VDDUV+
See Figure 11 on page 16.
VDD rising
55.6
6.3
V
UVLO Threshold –
(Si826xxAx mode)
VDDUV–
See Figure 11 on page 16.
VDD falling
4.7
5.3
6.0
V
UVLO lockout hysteresis
(Si826xxAx mode)
VDDHYS
—300
mV
Table 2. Electrical Characteristics (Continued)1
VDD =15V or 30 V, GND=0V, IF =6mA, TA = –40 to +125 °C; typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
See "8.Ordering Guide" on page 23 for more information.
2.
Minimum value of (VDD - GND) decoupling capacitor is 1 µF.
3.
Both VO pins are required to be shorted together for 4.0 A compliance.
4.
When performing this test, it is recommended that the DUT be soldered down to the PCB to reduce parasitic
inductances, which may cause over-stress conditions due to excessive ringing.
5.
Guaranteed by characterization.


Similar Part No. - Si8261ACC-C-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8261ACC-C-IS SKYWORKS-SI8261ACC-C-IS Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
More results

Similar Description - Si8261ACC-C-IS

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3410 AVAGO-ACNW3410 Datasheet
1Mb / 15P
   Rail-to-rail output voltage
ACPL-337J AVAGO-ACPL-337J Datasheet
835Kb / 18P
   Rail-to-rail output voltage
ACNW3430 AVAGO-ACNW3430 Datasheet
1Mb / 16P
   Rail-to-rail output voltage
ACPL-336J AVAGO-ACPL-336J Datasheet
825Kb / 18P
   Rail-to-rail output voltage
ACPL-P346 AVAGO-ACPL-P346 Datasheet
361Kb / 16P
   Rail-to-rail output voltage
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
   Rail-to-rail output
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com