Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF5CWM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF5CWM
Description  MF5 Universal Monolithic Switched Capacitor Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF5CWM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button MF5CWM Datasheet HTML 4Page - National Semiconductor (TI) MF5CWM Datasheet HTML 5Page - National Semiconductor (TI) MF5CWM Datasheet HTML 6Page - National Semiconductor (TI) MF5CWM Datasheet HTML 7Page - National Semiconductor (TI) MF5CWM Datasheet HTML 8Page - National Semiconductor (TI) MF5CWM Datasheet HTML 9Page - National Semiconductor (TI) MF5CWM Datasheet HTML 10Page - National Semiconductor (TI) MF5CWM Datasheet HTML 11Page - National Semiconductor (TI) MF5CWM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
20 Modes of Operation (Continued)
MODE 2 Notch 2 Bandpass Lowpass fnotchkfo
(See
Figure 9 )
fo
e
center frequency
e
fCLK
100
0R2R4a1orfCLK500R2R4a1
fnotch
e
fCLK
100
or
fCLK
50
Q
e
quality factor of the complex pole pair
e 0
R2R4 a 1
R2R3
HOLP e Lowpass output gain (as f
x 0)
eb
R2R1
R2R4 a 1
HOBP e Bandpass output gain (at f e fo) ebR3R1
HON1 e Notch output gain (as f x 0)
eb
R2R1
R2R4 a 1
HON2 e Notch output gain
asfxfCLK2J ebR2R1
Filter dynamics HOBP e Q
0HOLP HON2 e Q 0HON1 HON2
MODE 3 Highpass Bandpass Lowpass Outputs
(See
Figure 10 )
fo
e
fCLK
100
c
0R2R4orfCLK50c0R2R4
Q
e
quality factor of the complex pole pair
e
0R2R4cR3R2
HOHP e Highpass gain
asfxfCLK2J ebR2R1
HOBP e Bandpass gain (at f e fo) eb
R3
R1
HOLP e Lowpass gain (as f
x 0) eb
R4
R1
Circuit dynamics
R2
R4
e
HOHP
HOLP
HOBP e
0HOHP c HOLP c Q
HOLP(peak) j Q c HOLP (for high Q’s)
HOHP(peak) j Q c HOHP (for high Q’s)
TLH5066 – 18
FIGURE 9 MODE 2
TLH5066 – 19
FIGURE 10 MODE 3
In Mode 3 the feedback loop is closed around
the input summing amplifier the finite GBW prod-
uct of this op amp causes a slight Q enhance-
ment If this is a problem connect a small capaci-
tor (10 pF–100 pF) across R4 to provide some
phase lead
8


Similar Part No. - MF5CWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MF5CWM TI1-MF5CWM Datasheet
542Kb / 18P
[Old version datasheet]   Universal Monolithic Switched Capacitor Filter
More results

Similar Description - MF5CWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MF5 TI1-MF5 Datasheet
542Kb / 18P
[Old version datasheet]   Universal Monolithic Switched Capacitor Filter
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
   Universal Monolithic Dual Switched Capacitor Filter
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
MF10 TI1-MF10 Datasheet
770Kb / 30P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI1-MF10-N_14 Datasheet
1Mb / 36P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI-MF10-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
   Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
Linear Technology
LTC1059 LINER-LTC1059_09 Datasheet
120Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059CS LINER-LTC1059CS Datasheet
175Kb / 3P
   High Performance Switched Capacitor Universal Filter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com