Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A4190 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # Q65111A4190
Description  High Power Infrared Emitter (940 nm)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A4190 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button Q65111A4190 Datasheet HTML 5Page - OSRAM GmbH Q65111A4190 Datasheet HTML 6Page - OSRAM GmbH Q65111A4190 Datasheet HTML 7Page - OSRAM GmbH Q65111A4190 Datasheet HTML 8Page - OSRAM GmbH Q65111A4190 Datasheet HTML 9Page - OSRAM GmbH Q65111A4190 Datasheet HTML 10Page - OSRAM GmbH Q65111A4190 Datasheet HTML 11Page - OSRAM GmbH Q65111A4190 Datasheet HTML 12Page - OSRAM GmbH Q65111A4190 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Version 1.3
SFH 4140
2016-03-01
11
Disclaimer
Language english will prevail in case of any discrepancies or deviations between the two language wordings.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any
costs incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components* may only be used in life-support devices** or systems with the express written approval of
OSRAM OS.
*) A critical component is a component used in a life-support device or system whose failure can reasonably be
expected to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that
device or system.
**) Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or
maintain and sustain human life. If they fail, it is reasonable to assume that the health and the life of the user may be
endangered.


Similar Part No. - Q65111A4190

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A4103 OSRAM-Q65111A4103 Datasheet
1Mb / 25P
   White Goods Lighting
Q65111A4104 OSRAM-Q65111A4104 Datasheet
1Mb / 25P
   White Goods Lighting
Q65111A4105 OSRAM-Q65111A4105 Datasheet
1Mb / 25P
   White Goods Lighting
Q65111A4188 OSRAM-Q65111A4188 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
More results

Similar Description - Q65111A4190

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4046 OSRAM-SFH4046 Datasheet
429Kb / 14P
   High Power Infrared Emitter (940 nm)
SFH4546 OSRAM-SFH4546 Datasheet
406Kb / 9P
   High Power Infrared Emitter (940 nm)
SFH4231 OSRAM-SFH4231 Datasheet
226Kb / 8P
   High Power Infrared Emitter (940 nm)
SFH-4239 OSRAM-SFH-4239 Datasheet
189Kb / 13P
   High Power Infrared Emitter (940 nm)
logo
ams AG
SFH4180S AMSCO-SFH4180S Datasheet
1,005Kb / 17P
   High Power Infrared Emitter (940 nm)
Version 1.3 2021-10-25
logo
OSRAM GmbH
SFH4045N OSRAM-SFH4045N Datasheet
445Kb / 13P
   High Power Infrared Emitter (940 nm)
SFH4341 OSRAM-SFH4341 Datasheet
190Kb / 12P
   High Power Infrared Emitter (940 nm)
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
   Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
   Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
   Infrared Emitter (940 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com