Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPS28010WBTRU Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPS28010WBTRU
Description  4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPS28010WBTRU Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPS28010WBTRU Datasheet HTML 1Page - COSMO  Electronics Corporation KPS28010WBTRU Datasheet HTML 2Page - COSMO  Electronics Corporation KPS28010WBTRU Datasheet HTML 3Page - COSMO  Electronics Corporation KPS28010WBTRU Datasheet HTML 4Page - COSMO  Electronics Corporation KPS28010WBTRU Datasheet HTML 5Page - COSMO  Electronics Corporation KPS28010WBTRU Datasheet HTML 6Page - COSMO  Electronics Corporation KPS28010WBTRU Datasheet HTML 7Page - COSMO  Electronics Corporation KPS28010WBTRU Datasheet HTML 8Page - COSMO  Electronics Corporation KPS28010WBTRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P05003.3
- 4 -
http://www.cosmo-ic.com
cosmo
KPS28010W Series
4PIN SSOP LOW INPUT CURRENT
PHOTOCOUPLER
Classification table of current
transfer ratio is shown below.
CTR Rank.
CTR ( % )
KPS28010WA
100 TO 600
KPS28010WB
200 TO 500
KPS28010WC
160 TO 400
KPS28010WD
120 TO 300
KPS28010WE
100 TO 200
Fig.1 Current Transfer Ratio
vs. Forward Current
0.5
1
2
10
0
100
200
300
400
500
600
700
800
0.1
5
20
Ta=25
V =5V
CE
Forward Current IF (mA)
Fig.2 Collector Power Dissipation
vs. Ambient Temperature
Fig.3 Collector Dark Current
vs. Ambient Temperature
125
250
200
75
50
25
150
100
50
0
0
-55
115
-8
10
-55
0
25
10
-11
10
-10
-9
10
V =50V
10
-7
10
-6
10
-5
75
50
115
CE
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.4 Forward Current
vs. Ambient Temperature
Fig.5 Forward Current
vs. Forward Voltage
60
10
-55
0
20
0
25
30
40
50
50
75
115 125
1 0 0
1 .0
-2 5 °
0
0 .5
1
5 0 °
T a = 7 5 °
C
1 0
C
1 .5
C
C
2 5 °
C
0 °
0 .1
T a = 7 5 ° C
Ambient Temperature Ta (℃)
Forward Voltage VF (V)


Similar Part No. - KPS28010WBTRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS28010W COSMO-KPS28010W Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
More results

Similar Description - KPS28010WBTRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS28010Z COSMO-KPS28010Z_15 Datasheet
220Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KPS28010T COSMO-KPS28010T_15 Datasheet
214Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KPS2832 COSMO-KPS2832_15 Datasheet
221Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2806 COSMO-KPS2806_15 Datasheet
228Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2801 COSMO-KPS2801_15 Datasheet
219Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2802 COSMO-KPS2802_15 Datasheet
222Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KT101Z COSMO-KT101Z_16 Datasheet
177Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101T COSMO-KT101T_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101W COSMO-KT101W_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com