Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPS28010TDTRU Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPS28010TDTRU
Description  4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPS28010TDTRU Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPS28010TDTRU Datasheet HTML 1Page - COSMO  Electronics Corporation KPS28010TDTRU Datasheet HTML 2Page - COSMO  Electronics Corporation KPS28010TDTRU Datasheet HTML 3Page - COSMO  Electronics Corporation KPS28010TDTRU Datasheet HTML 4Page - COSMO  Electronics Corporation KPS28010TDTRU Datasheet HTML 5Page - COSMO  Electronics Corporation KPS28010TDTRU Datasheet HTML 6Page - COSMO  Electronics Corporation KPS28010TDTRU Datasheet HTML 7Page - COSMO  Electronics Corporation KPS28010TDTRU Datasheet HTML 8Page - COSMO  Electronics Corporation KPS28010TDTRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P05002.3
- 1 -
http://www.cosmo-ic.com
cosmo
KPS28010T Series
4PIN SSOP LOW INPUT CURRENT
PHOTOCOUPLER
 Description
The KPS28010T series is DC-input single channel
which contains a light emitting diode optically coupled to a
phototransistor. It is packaged in a 4-pin SSOP package. The
input-output isolation voltage is rated at 3750Vrms.
 Schematic
1. Anode
2. Cathode
3. Emitter
4. Collector
 Features
1. Halogen free
2. Pb free and RoHS compliant
3. High isolation voltage (Viso=3750Vrms)
4. Small and thin package (4pin SSOP, pin pitch 1.27mm)
5. Low input current type (IF=1.0mA)
6. Current transfer ratio
(CTR : 100~600% at IF=1.0mA, Vce=5V).
7. High collector to emitter voltage (VCEO=80V).
8. High-speed switching tr =3μs (typ.), tf =5μs (typ.).
9. MSL class 1
10. Agency Approvals:
• UL Approved (No. E169586): UL1577
• c-UL Approved (No. E169586)
• VDE Approved (No. 40010469): DIN EN60747-5-5
• FIMKO Approved: EN60065, EN60950
• SEMKO Approved: EN60065, EN60950
• CQC Approved: GB8898-2011, GB4943.1-2011
 Applications
• Programmable logic controllers
• Measuring instruments
• Power supply
• Hybrid IC
2
3
1
4


Similar Part No. - KPS28010TDTRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS28010T COSMO-KPS28010T Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
More results

Similar Description - KPS28010TDTRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS28010W COSMO-KPS28010W_15 Datasheet
214Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KPS28010Z COSMO-KPS28010Z_15 Datasheet
220Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KPS2832 COSMO-KPS2832_15 Datasheet
221Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2806 COSMO-KPS2806_15 Datasheet
228Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2801 COSMO-KPS2801_15 Datasheet
219Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2802 COSMO-KPS2802_15 Datasheet
222Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KT101Z COSMO-KT101Z_16 Datasheet
177Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101T COSMO-KT101T_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101W COSMO-KT101W_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com