Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPS28010ZATLD Datasheet(PDF) 7 Page - COSMO Electronics Corporation

Part # KPS28010ZATLD
Description  4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPS28010ZATLD Datasheet(HTML) 7 Page - COSMO Electronics Corporation

Back Button KPS28010ZATLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPS28010ZATLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPS28010ZATLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPS28010ZATLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPS28010ZATLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPS28010ZATLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPS28010ZATLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPS28010ZATLD Datasheet HTML 9Page - COSMO  Electronics Corporation KPS28010ZATLD Datasheet HTML 10Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P05004.3
- 7 -
http://www.cosmo-ic.com
cosmo
KPS28010Z Series
4PIN SSOP LOW INPUT CURRENT
PHOTOCOUPLER
Recommended Soldering Conditions
(a) Infrared reflow soldering:
Peak reflow soldering:
Time of peak reflow temperature:
Time of temperature higher than 230℃:
Time to preheat temperature from 180~190℃:
Time(s) of reflow:
Flux:
260℃ or below (package surface temperature)
10 sec
30-60 sec
60-120 sec
Two
Rosin flux containing small amount of chlorine (The
flux with a maximum chlorine content of 0.2 Wt% is
recommended.)
Recommended Temperature Profile of Infrared Reflow
1 8 0 ℃
1 9 0 ℃
2 3 0 ℃
2 6 0
6 0 -1 2 0 s e c
3 0 -6 0 s e c
t (s )
1 0 s e c M a x .
(b) Wave soldering:
Temperature:
Time:
Preheating conditions:
Time(s) of reflow:
Flux:
260℃ or below (molten solder temperature)
10 seconds or less
120℃ or below (package surface temperature)
One
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% is recommended.)
(c) Cautions:
Fluxes:
Avoid removing the residual flux with freon-based and chlorine-based
cleaning solvent.
Avoid shorting between portion of frame and leads.


Similar Part No. - KPS28010ZATLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS28010Z COSMO-KPS28010Z Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
More results

Similar Description - KPS28010ZATLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS28010W COSMO-KPS28010W_15 Datasheet
214Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KPS28010T COSMO-KPS28010T_15 Datasheet
214Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KPS2832 COSMO-KPS2832_15 Datasheet
221Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2806 COSMO-KPS2806_15 Datasheet
228Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2801 COSMO-KPS2801_15 Datasheet
219Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2802 COSMO-KPS2802_15 Datasheet
222Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KT101Z COSMO-KT101Z_16 Datasheet
177Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101T COSMO-KT101T_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101W COSMO-KT101W_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com