Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPS28010WCTLD Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPS28010WCTLD
Description  4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPS28010WCTLD Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPS28010WCTLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPS28010WCTLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPS28010WCTLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPS28010WCTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPS28010WCTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPS28010WCTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPS28010WCTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPS28010WCTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPS28010WCTLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P05003.3
- 3 -
http://www.cosmo-ic.com
cosmo
KPS28010W Series
4PIN SSOP LOW INPUT CURRENT
PHOTOCOUPLER
 Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Peak forward current(*1)
IFP
1
A
Reverse voltage
VR
6
V
Power dissipation
PD
60
mW
Power dissipation derating
PD/℃
0.6
mW/℃
Output
Collector-Emitter voltage
VCEO
80
V
Emitter-Collector voltage
VECO
6
V
Collector current
IC
50
mA
Collector power dissipation
PC
160
mW
Collector power dissipation derating
PC/℃
1.2
mW/℃
Isolation voltage 1 minute(*2)
Viso
3750
Vrms
Operating temperature
Topr
-55 to +115
Storage temperature
Tstg
-55 to +125
*1 PW=100μs,Duty Cycle=1%.
*2 AC voltage for 1minute at T =25
,RH=60% between input and output
.
 Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input
Forward voltage
VF
IF=5mA
1.1
1.8
V
Reverse current
IR
VR=5V
5
μA
Terminal capacitance
Ct
V=0, f=1MHZ
60
pF
Output Collector dark current
ICEO
VCE=50V,IF=0mA
100
nA
Transfer
charac-
teristics
Current transfer ratio
CTR
IF=0.5mA, VCE=5V
100
600
%
Collector-Emitter saturation
voltage
VCE(sat)
IF=10mA, Ic=2mA
0.1
0.2
V
Isolation resistance
Riso
DC500V
5x10
10
10
11
Ω
Floating capacitance
Cf
V=0, f=1MHZ
0.4
-
pF
Response time (Rise)(*3)
tr
Vce=5V,Ic=2mA,RL=100Ω
4
18
μs
Response time (Fall) (*3)
tf
3
18
μs
*3 Test Circuit for Switching Time


Similar Part No. - KPS28010WCTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS28010W COSMO-KPS28010W Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
More results

Similar Description - KPS28010WCTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS28010Z COSMO-KPS28010Z_15 Datasheet
220Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KPS28010T COSMO-KPS28010T_15 Datasheet
214Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KPS2832 COSMO-KPS2832_15 Datasheet
221Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2806 COSMO-KPS2806_15 Datasheet
228Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2801 COSMO-KPS2801_15 Datasheet
219Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2802 COSMO-KPS2802_15 Datasheet
222Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KT101Z COSMO-KT101Z_16 Datasheet
177Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101T COSMO-KT101T_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101W COSMO-KT101W_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com