Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDP2113S Datasheet(PDF) 7 Page - OSRAM GmbH

Part # HSDP2113S
Description  Alphanumeric Intelligent Display Devices
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HSDP2113S Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button HSDP2113S Datasheet HTML 3Page - OSRAM GmbH HSDP2113S Datasheet HTML 4Page - OSRAM GmbH HSDP2113S Datasheet HTML 5Page - OSRAM GmbH HSDP2113S Datasheet HTML 6Page - OSRAM GmbH HSDP2113S Datasheet HTML 7Page - OSRAM GmbH HSDP2113S Datasheet HTML 8Page - OSRAM GmbH HSDP2113S Datasheet HTML 9Page - OSRAM GmbH HSDP2113S Datasheet HTML 10Page - OSRAM GmbH HSDP2113S Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S
2006-01-23
7
Top View
Pin Assignment
IDPA5114
01
2
3
4
5
6
7
Digit
Pins
1
28
Pins
15
14
Pin
Function
Definition
Pin
Function
Definition
1
RST
Used to initialize a display and sychronize
blinking for multiple displays
15
GND supply
Analog Ground for LED drivers
2
FL
Low input accesses the Flash RAM
16
GND logic
Digital Ground for internal drivers
3
A0
Address input LSB
17
CE
Enables access to the display
4
A1
Address input
18
RD
A low will read data from the display if CE
is low. If read from display is not required,
5
A2
Address input MSB
19
D0
Data input LSB
6
A3
Mode selector
20
D1
Data input
7
V
CC
Optional connection to positive
power supply input.
21
No pin
8
V
CC
22
No pin
9
V
CC
23
D2
Data input
10
A4
Mode Selector
24
D3
Data input
11
CLKSEL
Selects internal/high clock source
25
D4
Data input
12
CLK I/O
Outputs master clock or inputs
external clock
26
D5
Data input
13
WR
A low will write data into the display if CE
is low
27
D6
Data input
14
V
CC
Positive power supply input
28
D7
Data input MSB, selects ROM,
page 1 or 2


Similar Part No. - HSDP2113S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSD1159 HSMC-HSD1159 Datasheet
34Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
Renesas Technology Corp
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
DLG Hanbit co.,Ltd.
HSD128M32B8A DLGHANBIT-HSD128M32B8A Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
HSD128M32B8A-13 DLGHANBIT-HSD128M32B8A-13 Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD128M72B9K HANBIT-HSD128M72B9K Datasheet
207Kb / 11P
   Synchronous DRAM Module 1024Mbyte (128Mx72Bit), 8K Ref., 3.3V ECC Unbuffered SO-DIMM,
More results

Similar Description - HSDP2113S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
   Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
logo
OSRAM GmbH
DLR3416 OSRAM-DLR3416 Datasheet
753Kb / 11P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
logo
List of Unclassifed Man...
QBAD54R1 ETC2-QBAD54R1 Datasheet
505Kb / 10P
   Alphanumeric Display
QBAS230R1 ETC2-QBAS230R1 Datasheet
483Kb / 10P
   Alphanumeric Display
QBAS50R1 ETC2-QBAS50R1 Datasheet
501Kb / 10P
   Alphanumeric Display
QBAS230R1 ETC1-QBAS230R1 Datasheet
483Kb / 10P
   Alphanumeric Display
QBAS80XXZ ETC2-QBAS80XXZ Datasheet
468Kb / 10P
   Alphanumeric Display
QBAD54R1 ETC1-QBAD54R1 Datasheet
505Kb / 10P
   Alphanumeric Display
QBAS50R1 ETC1-QBAS50R1 Datasheet
468Kb / 10P
   Alphanumeric Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com