Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDP2111S Datasheet(PDF) 10 Page - OSRAM GmbH

Part # HSDP2111S
Description  Alphanumeric Intelligent Display Devices
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HSDP2111S Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button HSDP2111S Datasheet HTML 6Page - OSRAM GmbH HSDP2111S Datasheet HTML 7Page - OSRAM GmbH HSDP2111S Datasheet HTML 8Page - OSRAM GmbH HSDP2111S Datasheet HTML 9Page - OSRAM GmbH HSDP2111S Datasheet HTML 10Page - OSRAM GmbH HSDP2111S Datasheet HTML 11Page - OSRAM GmbH HSDP2111S Datasheet HTML 12Page - OSRAM GmbH HSDP2111S Datasheet HTML 13Page - OSRAM GmbH HSDP2111S Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S
2006-01-23
10
Theory of operation
The HDSP211XS Programmable Display is designed to work with
all major microprocessors. Data entry is via an eight bit parallel
bus. Three bits of address route the data to the proper digit loca-
tion in the RAM. Standard control signals like WR and CE allow
the data to be written into the display.
D0–D7 data bits are used for both Character RAM and control
word data input. A3 acts as the mode selector.
If A3=1, character RAM is selected. Then input data bit D7 will
determine whether input data bits D0–D6 is ASCII coded data
(D7=0) or UDC data (D7=1). See section on UDC Address Regis-
ter and RAM.
For normal operation FL pin should be held high. When FL is held
low, Flash RAM is accessed to set character blinking.
The seven bit ASCII code is decoded by the Character ROM to
generate Column data. Twenty columns worth of data is sent out
each display cycle, and it takes fourteen display cycles to write into
eight digits.
The rows are multiplexed in two sets of seven rows each. The
internal timing and control logic synchronizes the turning on of
rows and presentation of column data to assure proper display
operation.
Power Up Sequence
Upon power up display will come on at random. Thus the display
should be reset on power-up. The reset will clear the Flash RAM,
Control Word Register and reset the internal counter. All the dig-
its will show blanks and display brightness level will be 100%.
The display must not be accessed until three clock pulses
(110 µseconds minimum using the internal clock) after the rising
edge of the reset line.
Microprocessor interface
The interface to a microprocessor is through the 8-bit data bus
(D0–D7), the 4-bit address bus (A0–A3) and control lines FL, CE
and WR.
To write data (ASCII/Control Word) into the display CE should be
held low, address and data signals stable and WR should be
brought low. The data is written on the low to high transition of
WR.
The Control Word is decoded by the Control Word Decode Logic.
Each code has a different function. The code for display brightness
changes the duty cycle for the column drivers. The peak LED cur-
rent stays the same but the average LED current diminishes
depending on the intensity level.
The character Flash Enable causes 2.0 Hz coming out of the
counter to be ANDED with column drive signal and makes the col-
umn driver to cycle at 2.0 Hz. Thus the character flashes at 2.0 Hz.
The display Blink works the same way as the Flash Enable but
causes all twenty column drivers to cycle at 2.0 Hz thereby making
all eight digits to blink at 2.0 Hz.
The Self Test function of the IC consists of two internal routines
which exercise major portions of the IC and illuminates all the
LEDs.
Clear bit clears the character RAM and writes a blank into the dis-
play memory. It however does not clear the control word.
ASCII Data or Control Word Data can be written into the display at
this point. For multiple display operation, CLK I/O must be properly
selected. CLK I/O will output the internal clock if CLKSEL=1, or will
allow input from an external clock if CLKSEL=0.
Character RAM
The Character RAM is selected when FL, A4 and A3 are set to
1,1,1 during a read or write cycle. The Character RAM is a 8 by 8
bit RAM with each of the eight locations corresponding to a digit on
the display. Digit 0 is on the left side of the display and digit 7 is on
the right side of the display. Address lines, A2–A0 select the digit
address with A2 being the most significant bit and A0 being the
least significant bit. The two types of data stored in the Character
RAM are the ASCII coded data and the UDC Address Data. The
type of data stored in the Character RAM is determined by data bit,
D7. If D7 is low, then ASCII coded data is stored in data bits D6–
D0. If D7 is high, then UDC Address Data is stored in data bit D3–
D0.
The ASCII coded data is a 7 bit code used to select one of 128
ASCII characters permanently stored in the ASCII ROM.
The UDC Address data is a 4 bit code used to select one of the
UDC characters in the UDC RAM. There are up to 16 characters
available. See Table „Character RAM Access Logic“ (page 11).
UDC Address Register and UDC RAM
The UDC Address Register and UDC RAM allows the user to gen-
erate and store up to 16 custom characters. Each custom charac-
ter is defined in 5 x 7 dot matrix pattern. It takes 8 write cycles to
define a custom character, one cycle to load the UDC Address
Register and 7 cycles to define the character. The contents of the
UDC Address Register will store the 4 bit address for one of the 16
UDC RAM locations. The UDC RAM is used to store the custom
character.
Memory Selection
FL
A4
A3
Section of Memory
A2–A0
Data Bits Used
0X
X
Flash RAM
Character Address
D0
10
0
UDC Address Register
Don’t Care
D3–D0
10
1
UDC RAM
Row Address
D4–D0
11
1
Character RAM
Character Address
D7–D0
11
0
Control Word Register
Don’t Care
D7–D0


Similar Part No. - HSDP2111S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSD1159 HSMC-HSD1159 Datasheet
34Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
Renesas Technology Corp
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
DLG Hanbit co.,Ltd.
HSD128M32B8A DLGHANBIT-HSD128M32B8A Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
HSD128M32B8A-13 DLGHANBIT-HSD128M32B8A-13 Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD128M72B9K HANBIT-HSD128M72B9K Datasheet
207Kb / 11P
   Synchronous DRAM Module 1024Mbyte (128Mx72Bit), 8K Ref., 3.3V ECC Unbuffered SO-DIMM,
More results

Similar Description - HSDP2111S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
   Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
logo
OSRAM GmbH
DLR3416 OSRAM-DLR3416 Datasheet
753Kb / 11P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
logo
List of Unclassifed Man...
QBAD54R1 ETC2-QBAD54R1 Datasheet
505Kb / 10P
   Alphanumeric Display
QBAS230R1 ETC2-QBAS230R1 Datasheet
483Kb / 10P
   Alphanumeric Display
QBAS50R1 ETC2-QBAS50R1 Datasheet
501Kb / 10P
   Alphanumeric Display
QBAS230R1 ETC1-QBAS230R1 Datasheet
483Kb / 10P
   Alphanumeric Display
QBAS80XXZ ETC2-QBAS80XXZ Datasheet
468Kb / 10P
   Alphanumeric Display
QBAD54R1 ETC1-QBAD54R1 Datasheet
505Kb / 10P
   Alphanumeric Display
QBAS50R1 ETC1-QBAS50R1 Datasheet
468Kb / 10P
   Alphanumeric Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com