Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19501AFJA-E8T1U4 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-19501AFJA-E8T1U4
Description  CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19501AFJA-E8T1U4 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-19501AFJA-E8T1U4 Datasheet HTML 4Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 9Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 10Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 11Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
S-19500/19501 Series
Rev.1.2_01
8
Recommended Operation Conditions
Table 9
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
VIN pin voltage
VIN
4.0
36.0
V
When using autonomous
watchdog operation function*1
VOUT(S)
+ 1.0
36.0
V
VOUT pin voltage
VOUT
Detector block
1.0
V
Watchdog timer block
+VDET
V
Watchdog input voltage "H"*2 VWIH
2
V
Watchdog input voltage "L"*2 VWIL
0.8
V
Watchdog input "H" time*2
thigh
VWI
≥ VWIH
5.0
μs
Watchdog input "L" time*2
tIow
VWI
≤ VWIL
5.0
μs
Slew rate*2
dVWI
dt
VWI = VWIL
+ (VWIH − VWIL) × 0.1
to VWIL
+ (VWIH − VWIL) × 0.9
1
V/
μs
Watchdog input frequency
fWI
Duty ratio 50%
0.2
MHz
WEN pin input voltage "H"
VWENH
2.0
VOUT(S)
V
WEN pin input voltage "L"
VWENL
0
0.8
V
*1. Refer to "3. Watchdog timer block" in " Operation" for the autonomous watchdog operation function.
*2. When inputting a rising edge that satisfies the condition of Figure 4 to the WI pin, the watchdog timer detects a
trigger.
The signal input from the monitored object by the watchdog timer should satisfy the condition of Figure 4.
VWIH
VWIL
VWI
tlow
thigh
dVWI
dt
t
Figure 4


Similar Part No. - S-19501AFJA-E8T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19501AFJA-E8T1U4 ABLIC-S-19501AFJA-E8T1U4 Datasheet
692Kb / 47P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
More results

Similar Description - S-19501AFJA-E8T1U4

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
logo
Sanyo Semicon Device
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com