Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19501AFJA-E8T1U4 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-19501AFJA-E8T1U4
Description  CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19501AFJA-E8T1U4 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-19501AFJA-E8T1U4 Datasheet HTML 1Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 2Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 3Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 4Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
Rev.1.2_01
S-19500/19501 Series
5
Pin Configuration
1. HSOP-8A
8
5
6
7
1
4
3
2
Bottom view
Top view
1
4
3
2
8
5
6
7
*1
*1. Connect the heat sink of backside
at shadowed area to the board,
and set electric potential open or
GND.
However, do not use it as the
function of electrode.
Figure 3
Table 4 S-19500 Series (Product with Watchdog Enable Function)
Pin No.
Symbol
Description
1
VOUT
Voltage output pin (Regulator block)
2
WADJ
Connection pin for watchdog
activation threshold current adjustment
resistor
3
VSS
GND pin
4
DLY
Connection pin for delay time
adjustment capacitor
5
WO / RO*1
WO
Watchdog output pin
RO
Reset output pin
6
WEN
Watchdog enable pin
7
WI
Watchdog input pin
8
VIN
Voltage input pin (Regulator block)
*1. The WO / RO pin combines the watchdog output pin and the reset
output pin.
Table 5 S-19501 Series (Product without Watchdog Enable Function)
Pin No.
Symbol
Description
1
VOUT
Voltage output pin (Regulator block)
2
WADJ
Connection pin for watchdog
activation threshold current adjustment
resistor
3
VSS
GND pin
4
DLY
Connection pin for delay time
adjustment capacitor
5
RO
Reset output pin
6
WO
Watchdog output pin
7
WI
Watchdog input pin
8
VIN
Voltage input pin (Regulator block)


Similar Part No. - S-19501AFJA-E8T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19501AFJA-E8T1U4 ABLIC-S-19501AFJA-E8T1U4 Datasheet
692Kb / 47P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
More results

Similar Description - S-19501AFJA-E8T1U4

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
logo
Sanyo Semicon Device
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com