Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19611AB0H-K8T2U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-19611AB0H-K8T2U
Description  LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19611AB0H-K8T2U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-19611AB0H-K8T2U Datasheet HTML 1Page - Seiko Instruments Inc S-19611AB0H-K8T2U Datasheet HTML 2Page - Seiko Instruments Inc S-19611AB0H-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-19611AB0H-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-19611AB0H-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-19611AB0H-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-19611AB0H-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-19611AB0H-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-19611AB0H-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
S-19611A
www.sii-ic.com
MINI ANALOG SERIES FOR AUTOMOTIVE 105°C OPERATION
LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
© SII Semiconductor Corporation, 2014
Rev.1.0_01
1
The mini-analog series is a group of ICs that incorporate a general purpose analog circuit in a small package.
The S-19611A is an auto-zero operation, zero-drift operational amplifier that has input and output of low input offset
voltage and Rail-to-Rail*1. The S-19611A is suitable for applications requiring less offset voltage.
The S-19611A is a dual operational amplifier (with 2 circuits).
*1. Rail-to-Rail is a trademark of Motorola, Inc.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in
the purpose, contact to SII Semiconductor Corporation is indispensable.
Features
• Low input offset voltage:
VIO = 17
μV max. (Ta = +25°C)
VIO = 100
μV max. (Ta = −40°C to +105°C)
• Operation power supply voltage range:
VDD = 2.65 V to 5.50 V
• Low current consumption (Per circuit):
IDD = 200
μA typ.
• No external parts required for internal phase compensation
• Rail-to-Rail input and output
• Operation temperature range:
Ta =
−40°C to +105°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified*1
*1. Contact our sales office for details.
Applications
• Various sensor interfaces
• High-accuracy current detection
• Strain gauge amplifier
Package
• TMSOP-8


Similar Part No. - S-19611AB0H-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19610AB0A-K8T2U SII-S-19610AB0A-K8T2U Datasheet
1Mb / 18P
   MINI ANALOG SERIES
More results

Similar Description - S-19611AB0H-K8T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR1802G-LB ROHM-LMR1802G-LB Datasheet
1Mb / 23P
   Low Noise, Low Input Offset Voltage CMOS Operational Amplifier
logo
Seiko Instruments Inc
S-89713B SII-S-89713B Datasheet
952Kb / 23P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S89713 SII-S89713 Datasheet
1Mb / 24P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Rohm
LMR1803YG-C ROHM-LMR1803YG-C Datasheet
1Mb / 22P
   Automotive Low Noise Low Input Offset Voltage Precision CMOS Operational Amplifier
27.Apr.2022 Rev.001
logo
New Japan Radio
NJU7071 NJRC-NJU7071 Datasheet
82Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7071 NJRC-NJU7071_03 Datasheet
103Kb / 3P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER
NJU7051 NJRC-NJU7051 Datasheet
164Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER??????
NJU7061 NJRC-NJU7061 Datasheet
163Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com