Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-35720C01A-K8T2U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-35720C01A-K8T2U
Description  Low current consumption
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35720C01A-K8T2U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-35720C01A-K8T2U Datasheet HTML 1Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 2Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
FOR AUTOMOTIVE 125°C OPERATION WITH INTERRUPT TIME SETTING PIN CONVENIENCE TIMER
Rev.1.1_00
S-35720 Series
5
Pin Functions
1. SET0, SET1 (Input for interrupt time setting) pins
These pins input the interrupt time setting signal. The setting signals are input when the RST
_______
pin changes from "L" to
"H". As a result, interrupt time does not change even if the SET0 pin and the SET1 pin change during timer operation.
In one-shot loop time-out and handshake time-out, 4 types of interrupt time can be selected depending on the pin
settings. Interrupt time of the timer can be selected as the option on the second time scale from 1 second to 194 days
(Approximately half a year).
2. RST
_______
(Input for reset signal) pin
This pin inputs the reset signal. The timer is reset when inputting "L" to the RST
_______
pin. The INT pin is set to "H" when
inputting "H" to the RST
_______
pin, and the timer starts the operation. The RST
_______
pin has a built-in chattering elimination
circuit. Regarding the chattering elimination circuit, refer to " Chattering Elimination of RST
_______
Pin".
Also, the RST
_______
pin with / without pull-up resistor can be selected.
3. INT (Output for interrupt signal) pin
This pin outputs an interrupt signal. The interrupt signal is output when the time set to the SET0 pin and the SET1 pin
comes. The interrupt signal output (time-out type) of one-shot loop time-out / handshake time-out / toggle operation
*1
can be selected as the option. Regarding the operation of the interrupt signal output, refer to " INT Pin Interrupt
Signal Output".
Also, the INT pin output form of Nch open-drain output / CMOS output can be selected.
*1. Contact our sales office for the details of toggle operation.
4. XIN, XOUT (Connection for crystal oscillator) pins
Connect a crystal oscillator between the XIN pin and the XOUT pin.
5. VDD (Positive power supply) pin
Connect this pin with a positive power supply.
Regarding the values of voltage to be supplied, refer to " Recommended Operation Conditions".
6. VSS pin
Connect this pin to GND.


Similar Part No. - S-35720C01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35720C01I-K8T2U ABLIC-S-35720C01I-K8T2U Datasheet
415Kb / 20P
   PIN-SELECTABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35720C01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com