Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-35710D01A-K8T2U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-35710D01A-K8T2U
Description  Low current consumption
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35710D01A-K8T2U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-35710D01A-K8T2U Datasheet HTML 1Page - Seiko Instruments Inc S-35710D01A-K8T2U Datasheet HTML 2Page - Seiko Instruments Inc S-35710D01A-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-35710D01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35710D01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35710D01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35710D01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35710D01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35710D01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE CONVENIENCE TIMER
Rev.1.5_00
S-35710 Series
3
AEC-Q100 Qualified
This IC supports AEC-Q100 for operation temperature grade 1.
Contact our sales office for details of AEC-Q100 reliability specification.
Product Name Structure
1. Product name
S-35710 x xx A - K8T2 U
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Product name
Operation temperature
A:
Ta =
−40°C to +125°C
Package abbreviation and IC packing specification
*1
K8T2: TMSOP-8, Tape
Option code 2
*2
Option code 1
B:
Crystal oscillator CL = 9.0 pF
C:
Crystal oscillator CL = 6.0 pF
D:
Crystal oscillator CL = others
*3
*1. Refer to the tape drawing.
*2. A sequence number added by the optional function that is user-selected.
*3. Contact our sales office for details.
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
TMSOP-8
FM008-A-P-SD
FM008-A-C-SD
FM008-A-R-SD
3. Product name list
Table 2
Product Name
RST
_______
Pin
*1
INT Pin Output Form
*2
Time-out Type
*3
S-35710B01A-K8T2U
With pull-up resistor
CMOS output
Handshake time-out
S-35710C01A-K8T2U
Without pull-up resistor
Nch open-drain output
Handshake time-out
*1. The pin with / without pull-up resistor is selectable. Refer to " Pin Functions".
*2. The pin of Nch open-drain output / CMOS output is selectable. Refer to " Pin Functions".
*3. The type of one-shot loop time-out / handshake time-out is selectable. Refer to " INT Pin Interrupt Signal
Output".
Remark Please contact our sales office for products with specifications other than the above.


Similar Part No. - S-35710D01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35710 ABLIC-S-35710 Datasheet
753Kb / 32P
   PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35710B01I-K8T2U ABLIC-S-35710B01I-K8T2U Datasheet
753Kb / 32P
   PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35710C01I-K8T2U ABLIC-S-35710C01I-K8T2U Datasheet
753Kb / 32P
   PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35710M ABLIC-S-35710M Datasheet
655Kb / 29P
   PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
Rev.1.1_00
S-35710M01A-E8T3U ABLIC-S-35710M01A-E8T3U Datasheet
665Kb / 29P
   AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
Rev.2.1_00
More results

Similar Description - S-35710D01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com