Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CARA62802S07990 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CARA62802S07990
Description  (2-8) #20 SOCKET CONTACTS MINI-CON-X, R. ANGLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CARA62802S07990 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CARA62802S07990 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THIS DOCUMENT CONTAINS CONFIDENTIAL
INFORMATION PROPRIETARY TO CONXALL
CORPORATION. ANY REPRODUCTION,
DISCLOSURE, OR USE OF THIS
DOCUMENT /INFORMATION IS EXPRESSLY
PROHIBITED UNLESS AUTHORIZED IN
WRITING BY CONXALL CORPORATION.
CUSTOMER APPROVAL
APPROVED BY:
DATE:
DIMENSIONS IN BRACKET [ ] ARE METRIC.
RoHS COMPLIANT
GRN
WIRE COLOR CODE
POS. 1 POS. 2 POS. 3
WHT
BLK
POS. 4
BLK
GRN
WHT
POS. 3
POS. 2
POS. 1
WIRE COLOR CODE
RED
WHT
POS. 2
POS. 1
COLOR CODE
BLK
POS. 5
BLU
POS. 4
RED
GRN
WHT
POS. 3
POS. 2
POS. 1
WIRE COLOR CODE
BLK
POS. 6
VIO
BLK
WIRE COLOR CODE
POS. 1 POS. 2 POS. 3
WHT
GRN
RED
POS. 4
BLU
POS. 5
POS. 6
VIO
BLK
POS. 1 POS. 2 POS. 3
WHT
GRN
RED
POS. 4
BLU
POS. 5
GRY
POS. 7
WIRE COLOR CODE
BRN
POS. 8
POS. 7
GRY
POS. 5
BLU
POS. 4
RED
GRN
WHT
POS. 3
POS. 2
POS. 1
WIRE COLOR CODE
BLK
VIO
POS. 6
CARA62806SXXX90
CARA62807SXXX90
CARA62808SXXX90
ASSY P/N
CABLE
CARA62803SXXX90
CARA62804SXXX90
4/20 AWG
O.D. 0.235 REF
3/20 AWG
O.D. 0.220 REF
COLOR CODE END "A"
2/20 AWG
O.D. 0.215 REF
CARA62802SXXX90
CARA62805SXXX90
5/20 AWG
O.D. 0.255 REF
6/20 AWG
O.D. 0.275 REF
8/20 AWG
O.D. 0.300 REF
8/20 AWG
O.D. 0.300 REF
"X" DIM.
1.109 REF.
1.375 REF.
BLUNT CUT
CABLE
20 AWG CONDUCTORS
JACKET: PVC, BLACK
300V
COUPLING RING
O-RING
RIGHT ANGLE OVERMOLDED
CABLE CONNECTOR, FEMALE
MAT'L: THERMOPLASTIC
(2-8) #20 SOCKET CONTACTS
MAT'L: GOLD PLATED COPPER ALLOY
CXA #6280-XSG
[28.2mm]
[34.9mm]
MAT'L: RUBBER
MAT'L: THERMOPLASTIC
USE "BLANK: INSERT
KEYWAY
FACE VIEW
P/N: CARA62802SXXX90
1
2
END "A"
FACE VIEW
P/N: CARA62808SXXX90
1
2
3
7
4
KEYWAY
5
6
8
KEYWAY
FACE VIEW
P/N: CARA62804SXXX90
1
4
3
2
KEYWAY
FACE VIEW
P/N: CARA62803SXXX90
1
3
2
KEYWAY
FACE VIEW
P/N: CARA62805SXXX90
1
4
3
2
5
KEYWAY
FACE VIEW
P/N: CARA62806SXXX90
1
4
3
2
5
6
KEYWAY
FACE VIEW
P/N: CARA62807SXXX90
1
4
3
2
5
6
7
KEYWAY
FACE VIEW
P/N: CARA62808SXXX90
1
4
3
2
5
6
7
8
CABLE LENGTH IN "INCHES"
NO OF POSITIONS
ASS'Y P/N
NO. OF POS.
"X" DIM.
CARA62802S07990
2
6 FT. 7 IN. 2 IN. [2M]
CARA62803S07990
3
CARA62804S07990
4
CARA62805S07990
5
CARA62806S07990
6
CARA62807S07990
7
CARA62808S07990
8
CARA6280XSXXX90
STANDARD PRODUCT
CABLE ASSEMBLY
MINI-CON-X, R. ANGLE
(2-8) #20 SOCKET CONTACTS
NTS
1 OF 1
CARA6280XSXXX90
SLW
CARA6280XSXXX90
05-26-16
AN
06-30-16
AN
A
A
REV
TITLE:
DESCRIPTION
SHEET
SIZE
PART
NUMBER:
DIRECTORY:
CUSTOMER:
DATE
INIT.
AND DECIMALS.
REV.
THIS DOCUMENT IS PROHIBITED.
DUPLICATION OR DISTRIBUTION OF
CORPORATION." UNAUTHORIZED
THE PROPERTY OF "CONXALL
ALL INFORMATION ILLUSTRATED IS
INCHES, FRACTION OF INCHES
ALL UNITS ARE IN FEET,
FLAG PER SPEC. XXXX
= CRITICAL CHARACTERISTIC
FILE:
APPROVED BY:
CHECKED BY:
SCALE
ORIG. DRAWN BY:
DATE:
601 E. WILDWOOD VILLA PARK, IL 60181
B
DRAWING CREATED PER DOR 16-7414JP
NOTES:
FINISHED CABLE ASSEMBLY TO BE COILED
1.
OVERMOLD BOOT MATERIAL: PVC, BLACK
2.
ELECTRICAL TEST: 100% CONTINUITY
3.


Similar Part No. - CARA62802S07990

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
CARA62802S07990 SWITCH-CARA62802S07990 Datasheet
177Kb / 1P
   CABLE ASSEMBLY (2-8) #20 SOCKET CONTACTS MINI-CON-X, R. ANGLE
Rev. A
More results

Similar Description - CARA62802S07990

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
CARA6280XSXXX90 SWITCH-CARA6280XSXXX90 Datasheet
177Kb / 1P
   CABLE ASSEMBLY (2-8) #20 SOCKET CONTACTS MINI-CON-X, R. ANGLE
Rev. A
logo
List of Unclassifed Man...
CARA62802P07990 ETC2-CARA62802P07990 Datasheet
142Kb / 1P
   (2-6) #20 PIN CONTACTS MINI-CON-X, R. ANGLE
logo
Switchcraft, Inc.
CA6280XSXXX90 SWITCH-CA6280XSXXX90 Datasheet
157Kb / 1P
   CABLE ASSEMBLY (2-8) #20 SOCKET CONTACTS MINI-CON-X
Rev. A
CARA6280XPXXX90 SWITCH-CARA6280XPXXX90 Datasheet
154Kb / 1P
   CABLE ASSEMBLY (2-6) #20 PIN CONTACTS MINI-CON-X, R. ANGLE
Rev. A
logo
List of Unclassifed Man...
CA62802P07990 ETC2-CA62802P07990 Datasheet
135Kb / 1P
   (2-6) #20 PIN CONTACTS MINI-CON-X
logo
Switchcraft, Inc.
CA6280XPXXX90 SWITCH-CA6280XPXXX90 Datasheet
135Kb / 1P
   CABLE ASSEMBLY (2-6) #20 PIN CONTACTS MINI-CON-X
Rev. A
logo
List of Unclassifed Man...
W6A80-8SG-513 ETC2-W6A80-8SG-513 Datasheet
228Kb / 1P
   2-16 6-26 SOCKET CONTACTS MINI-CON-X POWER/SIGNAL
CA62802S07990 ETC2-CA62802S07990 Datasheet
158Kb / 1P
   (2-8) #20 SOCKET CONTACTS
W6C80-6PG-513 ETC2-W6C80-6PG-513 Datasheet
210Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W8C80-6SG-513 ETC2-W8C80-6SG-513 Datasheet
162Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com