Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSF47H100GG Datasheet(PDF) 2 Page - Cynergy3 Co

Part # RSF47H100GG
Description  Flying Lead or M12 plug connection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

RSF47H100GG Datasheet(HTML) 2 Page - Cynergy3 Co

  RSF47H100GG Datasheet HTML 1Page - Cynergy3 Co RSF47H100GG Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RSF40 Series
16.5mm (0.65")
Hole in Tank
98mm (3.86")
Switch Closed
65mm
(2.56")
18mm
(0.71") max.
Gasket Seal
o
40 max
Nylon Nut
49mm
(1.93")
Must close level
Must open level
M16x2 thread
33.5mm
18mm
Switch Open
RSF46 & RSF47
16.5mm (0.65")
Hole in Tank
88mm (3.5")
Switch Closed
55mm (2.2")
18mm
(0.71") max.
Gasket Seal
o
40 max
Nylon Nut
42mm
(1.7")
Must close level
Must open level
M16x2 thread
33.5mm
18mm
Switch Open
RSF
RSF
& RSF
43,
44
48
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Electrical Connections
Mechanical Dimensions
M12 connection version
(suffix “P”)
Switch on pins 1 & 2
1
2
3
4
Compact Internal Fitting


Similar Part No. - RSF47H100GG

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
RSF40 CYNERGY3-RSF40 Datasheet
369Kb / 1P
   compact internal fitting
RSF43Y100RF CYNERGY3-RSF43Y100RF Datasheet
369Kb / 1P
   compact internal fitting
RSF44Y100RF CYNERGY3-RSF44Y100RF Datasheet
369Kb / 1P
   compact internal fitting
RSF46Y100RF CYNERGY3-RSF46Y100RF Datasheet
369Kb / 1P
   compact internal fitting
More results

Similar Description - RSF47H100GG

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
RSF73H100RN CYNERGY3-RSF73H100RN Datasheet
276Kb / 2P
   Flying Lead or M12 plug connection
logo
Greystone Energy System...
TXFL GREYSTONE-TXFL Datasheet
296Kb / 2P
   FLYING LEAD TEMPERATURE TRANSMITTER
PS-TSFL GREYSTONE-PS-TSFL Datasheet
167Kb / 1P
   FLYING LEAD TEMPERATURE SENSOR
02/20
logo
Nuvotem Talema
AZ-0500 TALEMA-AZ-0500 Datasheet
316Kb / 2P
   Flying Lead Current Transformers
logo
Greystone Energy System...
TLFL GREYSTONE-TLFL Datasheet
268Kb / 2P
   FLYING LEAD LOW LIMIT THERMOSTAT
TNFL GREYSTONE-TNFL Datasheet
292Kb / 2P
   FLYING LEAD NETWORK TEMPERATURE SENSOR
logo
PHOENIX CONTACT
1416145 PHOENIX-1416145 Datasheet
331Kb / 8P
   SACC-DSIV-M12-PLUG - Housing screw connection
1437892 PHOENIX-1437892 Datasheet
341Kb / 3P
   Housing screw connection - SACC-M12 PLUG PRESS
02/04/2022
1551493 PHOENIX-1551493 Datasheet
307Kb / 7P
   SACC-M12-SCO PLUG - Housing screw connection
logo
Greystone Energy System...
PS-TNFL GREYSTONE-PS-TNFL Datasheet
292Kb / 2P
   FLYING LEAD NETWORK TEMPERATURE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com