Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSF43Y100RF Datasheet(PDF) 1 Page - Cynergy3 Co

Part # RSF43Y100RF
Description  Flying Lead or M12 plug connection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

RSF43Y100RF Datasheet(HTML) 1 Page - Cynergy3 Co

  RSF43Y100RF Datasheet HTML 1Page - Cynergy3 Co RSF43Y100RF Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
RSF40 Series
Compact Internal Fitting
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
RSF40 2016
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
25
& 100V Aversions
VA
WRAS Approved versions available
Compact design
Flying Lead or M12 plug connection
Available in Nylon, Polypropylene,
or
PPS
PVDF
Many variants are
recognised
UL
components File No. E171218
Technical Specification
43
44
48
46
47
RSF
RSF
RSF
RSF
RSF
Material
Nylon
Polypropylene
Polypropylene
Polyphenylene
Polyvinylidene
approved
approved
Sulphide (
)
Fluoride (PVDF)
WRAS
UL
PPS
Colour
Black
Opaque
White
Grey
Green
Temp. Range
C
-20 / +75
-20 / +100
-20 / +100
-10 / +120
-10 / +105
*
°
°F
221
-4 ./ +167
-4 / +212
-4 / +212
+14 / +248 *
+14 / +
Min. Fluid
0.85
0.85
0.8
0.85
SG
0
0.85
Must close level (
=1)
7mm
8mm
8mm
9mm
SG
9mm
Must open level (
=1)
20mm
20mm
20mm
24mm
SG
24mm
* Maximum temperature requires
cable to be specified.
ETFE
Electrical Specification
25W (Y code)
100W (H code)
Contact Form
N/O (N/C)
N/O (N/C)
Switching Power Max
25
100
VA
Switching Voltage
Max
V
240
300
AC
Switching Voltage
Max
V
120
300
DC
Switching Current Max
A
0.6
1
All ratings are for resistive load only.
Standard Parts Material
Max Power
Leadouts
Gasket
Approvals
43H100
Nylon
100
100cm
16/0.2
Nitrile
RSF
RF
VA
PVC
WRAS
43Y100
Nylon
25
100cm
16/0.2
Nitrile
RSF
RF
VA
PVC
WRAS
44H100
100
100cm
16/0.2
Nitrile
RSF
RF PP
VA
PVC
WRAS
44Y100
25
100cm
16/0.2
Nitrile
RSF
RF
PP
VA
PVC
WRAS
46H050
100
50cm
19/0.2
Viton
RSF
TG PPS
VA
ETFE
UL
46H100
25
100cm
16/0.2
Nitrile
&
RSF
RF PPS
VA
PVC
WRAS
UL
46Y050
25
50cm
19/0.2
Viton
RSF
TG
PPS
VA
ETFE
UL
46Y100
25
100 cm
19/0.2
Viton
RSF
TG
PPS
VA
ETFE
UL
46Y100
25
100cm
16/0.2
Nitrile
&
RSF
RF
PPS
VA
PVC
WRAS
UL
RSF
PVDF
VA
47Y100GF
25
100cm PTFE 7/0.2
Nitrile
UL*
47H100GF
100
100cm
RSF
PVDF
VA
PTFE 7/0.2
Nitrile
UL*
RSF47Y100GG PVDF
25VA
100cm PTFE 7/0.2
Viton
UL*
RSF47H100GG PVDF
100VA
100cm PTFE 7/0.2
Viton
UL*
48H100
( )
100
100cm
16/0.2
Nitrile
RSF
RF PP UL
VA
PVC
UL
48Y100
( )
100cm
16/0.2
Nitrile
RSF
RF
PP UL
VA
PVC
UL
25
43
Nylon
100
Nitrile
RSF HF
VA
WRAS
P
M12 connector
43
Nylon
25
Nitrile
RSF YF
VA
WRAS
P
M12 connector
44
100
Nitrile
RSF HF
PP
VA
WRAS
P
M12 connector
44
25
Nitrile
RSF YF
PP
VA
WRAS
P
M12 connector
46
100
&
RSF H
PPS
VA
WRAS
UL
FP
M12 connector
Nitrile
46
25
Nitrile
&
RSF YF
PPS
VA
WRAS
UL
P
M12 connector
RSF YFP
PVDF
VA
47
25
M12 connector
Nitrile
UL*
47
100
M12 connector
RSF HFP
PVDF
VA
Nitrile
UL*
RSF47YGP
PVDF
25VA
M12 connector
Viton
UL*
RSF47HGP
PVDF
100VA
M12 connector
Viton
UL*
48
( )
100
Nitrile
RSF HF
PP UL
VA
UL
P
M12 connector
48
( )
Nitrile
RSF YF
PP UL
VA
UL
P
25
M12 connector
The
40 series is designed as a compact internal
RSF
fitting device, with a wide range of options, making
this ideal for size sensitive applications. Mounting
of this series requires access to the inside of the
tank.
Typical applications include vending machines,
commercial washing machines and evaporator
units.
They are manufactured in a variety of materials with
a choice of gasket materials, to suit most commonly
used liquids.
The switch action may be reversed by rotating the
device through 180º.
Available with flying leads or M12 socket for
electrical connection. Cable sets with M12 plugs are
also available.
Custom versions can be made for particular
applications.
Now avail
abl
PVDF
(Kynar)
* UL approval pending


Similar Part No. - RSF43Y100RF

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
RSF43Y100RF CYNERGY3-RSF43Y100RF Datasheet
369Kb / 1P
   compact internal fitting
More results

Similar Description - RSF43Y100RF

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
RSF73H100RN CYNERGY3-RSF73H100RN Datasheet
276Kb / 2P
   Flying Lead or M12 plug connection
logo
Greystone Energy System...
TXFL GREYSTONE-TXFL Datasheet
296Kb / 2P
   FLYING LEAD TEMPERATURE TRANSMITTER
PS-TSFL GREYSTONE-PS-TSFL Datasheet
167Kb / 1P
   FLYING LEAD TEMPERATURE SENSOR
02/20
logo
Nuvotem Talema
AZ-0500 TALEMA-AZ-0500 Datasheet
316Kb / 2P
   Flying Lead Current Transformers
logo
Greystone Energy System...
TLFL GREYSTONE-TLFL Datasheet
268Kb / 2P
   FLYING LEAD LOW LIMIT THERMOSTAT
TNFL GREYSTONE-TNFL Datasheet
292Kb / 2P
   FLYING LEAD NETWORK TEMPERATURE SENSOR
logo
PHOENIX CONTACT
1416145 PHOENIX-1416145 Datasheet
331Kb / 8P
   SACC-DSIV-M12-PLUG - Housing screw connection
1437892 PHOENIX-1437892 Datasheet
341Kb / 3P
   Housing screw connection - SACC-M12 PLUG PRESS
02/04/2022
1551493 PHOENIX-1551493 Datasheet
307Kb / 7P
   SACC-M12-SCO PLUG - Housing screw connection
logo
Greystone Energy System...
PS-TNFL GREYSTONE-PS-TNFL Datasheet
292Kb / 2P
   FLYING LEAD NETWORK TEMPERATURE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com