Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA023EUB Datasheet(PDF) 2 Page - Rohm

Part # DTA023EUB
Description  Digital Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA023EUB Datasheet(HTML) 2 Page - Rohm

  DTA023EUB Datasheet HTML 1Page - Rohm DTA023EUB Datasheet HTML 2Page - Rohm DTA023EUB Datasheet HTML 3Page - Rohm DTA023EUB Datasheet HTML 4Page - Rohm DTA023EUB Datasheet HTML 5Page - Rohm DTA023EUB Datasheet HTML 6Page - Rohm DTA023EUB Datasheet HTML 7Page - Rohm DTA023EUB Datasheet HTML 8Page - Rohm DTA023EUB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DTA023E series
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Supply voltage
VCC
-50
V
Input voltage
VIN
-12 to 10
V
Output current
IO
-100
mA
Collector current
IC(MAX)*1
-100
mA
Power dissipation
DTA023EM
PD*2
150
mW
DTA023EEB
150
DTA023EUB
200
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = -5V, IO = -100μA
-
-
-0.8
V
VI(on)
VO = -0.3V, IO = -5mA
-2.6
-
-
Output voltage
VO(on)
IO = -10mA, II = -1mA
-
-100
-250
mV
Input current
II
VI = -5V
-
-
-3.6
mA
Output current
IO(off)
VCC = -50V, VI = 0V
-
-
-500
nA
DC current gain
GI
VO = -10V, IO = -20mA
20
-
-
-
Input resistance
R1
-
1.54
2.2
2.86
Resistance ratio
R2/R1
-
0.8
1.0
1.2
-
Transition frequency
fT*1
VCE = -10V, IE = 5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference land.
                                            
 
                                        
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/7
20160315 - Rev.003


Similar Part No. - DTA023EUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA023J ROHM-DTA023J Datasheet
1Mb / 10P
   Digital Transistor
DTA023JEB ROHM-DTA023JEB Datasheet
1Mb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTA023JEB ROHM-DTA023JEB Datasheet
1Mb / 10P
   Digital Transistor
DTA023JM ROHM-DTA023JM Datasheet
1Mb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTA023JM ROHM-DTA023JM Datasheet
1Mb / 10P
   Digital Transistor
More results

Similar Description - DTA023EUB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Bruckewell Technology L...
TA114ECA BWTECH-TA114ECA Datasheet
387Kb / 5P
   Digital Transistor
logo
Unisonic Technologies
DTA114E UTC-DTA114E_15 Datasheet
263Kb / 3P
   DIGITAL TRANSISTOR
logo
Rohm
DTA013Z ROHM-DTA013Z_16 Datasheet
1Mb / 10P
   Digital Transistor
logo
Galaxy Semi-Conductor H...
DTC144ECA BILIN-DTC144ECA Datasheet
159Kb / 3P
   Digital Transistor
logo
Micro Commercial Compon...
UMC4N MCC-UMC4N Datasheet
463Kb / 3P
   DIGITAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
DTA114EUA BILIN-DTA114EUA Datasheet
110Kb / 4P
   Digital Transistor
DTC114EE BILIN-DTC114EE Datasheet
108Kb / 3P
   Digital Transistor
DTC114EUA BILIN-DTC114EUA Datasheet
172Kb / 4P
   Digital Transistor
DTA143XCA BILIN-DTA143XCA Datasheet
177Kb / 5P
   Digital Transistor
DTA124ECA BILIN-DTA124ECA_08 Datasheet
176Kb / 4P
   Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com