Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA015E Datasheet(PDF) 2 Page - Rohm

Part # DTA015E
Description  Digital Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA015E Datasheet(HTML) 2 Page - Rohm

  DTA015E Datasheet HTML 1Page - Rohm DTA015E Datasheet HTML 2Page - Rohm DTA015E Datasheet HTML 3Page - Rohm DTA015E Datasheet HTML 4Page - Rohm DTA015E Datasheet HTML 5Page - Rohm DTA015E Datasheet HTML 6Page - Rohm DTA015E Datasheet HTML 7Page - Rohm DTA015E Datasheet HTML 8Page - Rohm DTA015E Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DTA015E series
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Supply voltage
VCC
-50
V
Input voltage
VIN
-40 to 10
V
Output current
IO
-20
mA
Collector current
IC(MAX)*1
-100
mA
Power dissipation
DTA015EM
PD*2
150
mW
DTA015EEB
150
DTA015EUB
200
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = -5V, IO = -0.1mA
-
-
-0.8
V
VI(on)
VO = -0.3V, IO = -1mA
-2.6
-
-
Output voltage
VO(on)
IO / II = -5mA / -0.5mA
-
-0.07
-0.15
V
Input current
II
VI = -5V
-
-
-0.15
mA
Output current
IO(off)
VCC = -50V, VI = 0V
-
-
-0.5
μA
DC current gain
GI
VO = -10V, IO = -5mA
80
-
-
-
Input resistance
R1
-
70
100
130
Resistance ratio
R2/R1
-
0.8
1
1.2
-
Transition frequency
fT*1
VCE = -10V, IE = 5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
                                            
 
                                        
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
2/7
20121023 - Rev.001


Similar Part No. - DTA015E

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA015T ROHM-DTA015T Datasheet
1Mb / 8P
   Digital Transistors
DTA015TEB ROHM-DTA015TEB Datasheet
1Mb / 8P
   Digital Transistors
DTA015TM ROHM-DTA015TM Datasheet
1Mb / 8P
   Digital Transistors
DTA015TUB ROHM-DTA015TUB Datasheet
1Mb / 8P
   Digital Transistors
More results

Similar Description - DTA015E

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
   Digital Transistors
logo
Unisonic Technologies
DTA114T UTC-DTA114T_15 Datasheet
175Kb / 3P
   DIGITAL TRANSISTORS
DTA115T UTC-DTA115T_15 Datasheet
167Kb / 3P
   DIGITAL TRANSISTORS
DTB123Y UTC-DTB123Y_15 Datasheet
211Kb / 3P
   DIGITAL TRANSISTORS
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
   Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTC123ECA MCC-DTC123ECA Datasheet
245Kb / 2P
   Digital Transistors
DTC123JUA MCC-DTC123JUA_13 Datasheet
251Kb / 3P
   Digital Transistors
logo
Guangdong Kexin Industr...
DTA124EUA KEXIN-DTA124EUA Datasheet
97Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_13 Datasheet
238Kb / 3P
   Digital Transistors
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
   Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com